Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR1/D Datasheet(PDF) 44 Page - NXP Semiconductors

Part # APR1/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

APR1/D Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button APR1/D Datasheet HTML 40Page - NXP Semiconductors APR1/D Datasheet HTML 41Page - NXP Semiconductors APR1/D Datasheet HTML 42Page - NXP Semiconductors APR1/D Datasheet HTML 43Page - NXP Semiconductors APR1/D Datasheet HTML 44Page - NXP Semiconductors APR1/D Datasheet HTML 45Page - NXP Semiconductors APR1/D Datasheet HTML 46Page - NXP Semiconductors APR1/D Datasheet HTML 47Page - NXP Semiconductors APR1/D Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 101 page
background image
2-26
DSP56001A/D, Rev. 1
MOTOROLA
DSP56001A
External Bus Asynchronous Timing
EXTERNAL BUS ASYNCHRONOUS TIMING
VCC = 5.0 V ± 10% for 27 MHz;VCC = 5.0 V ± 5% for 33 MHz;
TJ = –40 to 105 ˚C; CL = 50 pF + 1 TTL loads
WS = Number of Wait States, as determined by BCR (WS = 0 to 15)
Capacitance Derating:
The DSP56001A external bus timing specifications are designed and
tested at the maximum capacitive load of 50 pF, including stray capacitance. Typically, the drive
capability of the external bus pins (A0-A15, D0-D23, PS, DS, RD, WR, X/Y) derates linearly at 1 ns
per 12 pF of additional capacitance from 50 pF to 250 pF of loading. Port B and C pins (HI, SCI,
SSI) derate linearly at 1 ns per 5 pF of additional capacitance from 50 pF to 250 pF of loading.
Active low lines should be pulled up in a manner consistent with the AC and DC specifications.
Table 2-13
External Bus Asynchronous Timing
No.
Characteristics
27 MHz
33 MHz
Unit
Min
Max
Min
Max
115 Delay from BR Assertion to BG
Assertion
•
With no external access
from the DSP
•
During external read or
write access
•
During external read-
modify-write access
•
During Stop mode—
external bus will not be
released and BG will
not go low
•
During Wait mode
2
× T
C + TH
TC + TH
TC + TH
—
TH + 3
4
× T
C +
TH + 15
4
× T
C + TH +
TC × WS + 15
6
× T
C + TH +
2
× T
C × WS +
15
—
TC + TH + 23
2
× T
C + TH
TC + TH
TC + TH
—
TH + 3
4
× T
C +
TH + 13
4
× T
C + TH +
TC × WS + 13
6
× T
C + TH +
2
× T
C × WS +
13
—
TC + TH + 19
ns
ns
ns
ns
ns
116 Delay from BR Deassertion to
BG Deassertion
2
× T
C
4
× T
C + 15
2
× T
C
4
× T
C + 13
ns
117 BG Deassertion Duration
2
× T
C + TH –
8
—2
× T
C + TH –
6
—ns
118 Delay from Address, Data, and
Control Bus High Impedance to
BG Assertion
0—0—
ns
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com