Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR1/D Datasheet(PDF) 85 Page - NXP Semiconductors

Part # APR1/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

APR1/D Datasheet(HTML) 85 Page - NXP Semiconductors

Back Button APR1/D Datasheet HTML 81Page - NXP Semiconductors APR1/D Datasheet HTML 82Page - NXP Semiconductors APR1/D Datasheet HTML 83Page - NXP Semiconductors APR1/D Datasheet HTML 84Page - NXP Semiconductors APR1/D Datasheet HTML 85Page - NXP Semiconductors APR1/D Datasheet HTML 86Page - NXP Semiconductors APR1/D Datasheet HTML 87Page - NXP Semiconductors APR1/D Datasheet HTML 88Page - NXP Semiconductors APR1/D Datasheet HTML 89Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 101 page
background image
DSP56001A
Application Examples
MOTOROLA
DSP56001A/D, Rev. 1
4-11
A system with external data RAM memory requires no glue logic to select the external EPROM
from Bootstrap mode. PS is used to enable the EPROM and DS is used to enable the high speed
data memories, as shown in Figure 4-2.
Figure 4-2 Port A Bootstrap with External Data RAM—Mode 1
Note:
1.
All resistors are 15 K
Ω unless noted otherwise.
2.
When in Reset, IRQA and IRQB must be deasserted by external peripherals.
IRQB
IRQA
RESET
MODB/
IRQB
RESET
HACK
BR
MODA/
IRQA
DSP56001A
A0–A10
X/Y
WR
RD
PS
2716
2018-55 (3)
D0–D23
8
10
24
11
DS
+5 V
D23
+5 V
A0–A10
CE
D0–D7
D0–D23
A0–A9 A10 CS WE OE
AA0905
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com