Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR1/D Datasheet(PDF) 68 Page - NXP Semiconductors

Part # APR1/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

APR1/D Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button APR1/D Datasheet HTML 64Page - NXP Semiconductors APR1/D Datasheet HTML 65Page - NXP Semiconductors APR1/D Datasheet HTML 66Page - NXP Semiconductors APR1/D Datasheet HTML 67Page - NXP Semiconductors APR1/D Datasheet HTML 68Page - NXP Semiconductors APR1/D Datasheet HTML 69Page - NXP Semiconductors APR1/D Datasheet HTML 70Page - NXP Semiconductors APR1/D Datasheet HTML 71Page - NXP Semiconductors APR1/D Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 101 page
background image
3-16
DSP56001A/D, Rev. 1
MOTOROLA
DSP56001A
Pin-out and Package Information
Power and ground pins have special considerations for noise immunity. See the section Design
Considerations
.
WT
45
L13
nc
103
X/Y
48
N13
nc
107
XTAL
126
A6
nc
110
nc
3
nc
116
nc
4
nc
117
nc
7
nc
122
nc
17
nc
125
nc
18
nc
132
nc
21
Table 3-5
DSP56001A Power Supply Pins
132 pin
“FC” PQFP or
“FE” CQFP Pin No.
88 pin
“RC” PGA
Pin No.
Power Supply
Circuit Supplied
63
L8
VCCN
Address
Bus
Buffers
64
55
L6
GNDN
56
L9
73
74
Table 3-4
DSP56001A Identification by Signal Name (Continued)
Signal
Name
132 pin
“FC” PQFP or
“FE” CQFP Pin
No.
88 pin
“RC” PGA
Pin No.
Signal
Name
132 pin
“FC” PQFP or
“FE” CQFP Pin
No.
88 pin
“RC” PGA
Pin No.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com