Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR9/D Datasheet(PDF) 40 Page - NXP Semiconductors

Part # APR9/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

APR9/D Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button APR9/D Datasheet HTML 36Page - NXP Semiconductors APR9/D Datasheet HTML 37Page - NXP Semiconductors APR9/D Datasheet HTML 38Page - NXP Semiconductors APR9/D Datasheet HTML 39Page - NXP Semiconductors APR9/D Datasheet HTML 40Page - NXP Semiconductors APR9/D Datasheet HTML 41Page - NXP Semiconductors APR9/D Datasheet HTML 42Page - NXP Semiconductors APR9/D Datasheet HTML 43Page - NXP Semiconductors APR9/D Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 101 page
background image
2-22
DSP56001A/D, Rev. 1
MOTOROLA
DSP56001A
Synchronous Serial Interface (SSI) Timing
89
Data In Hold Time After
RXC Falling Edge
27
4
—
—
22
4
—
—
x ck
i ck
ns
ns
90
FSR Input (bl) High
Before RXC Falling Edge
12
27
—
—
10
23
—
—
x ck
i ck a
ns
ns
91
FSR Input (wl) High
Before RXC Falling Edge
15
42
—
—
13
34
—
—
x ck
i ck a
ns
ns
92
FSR Input Hold Time
After RXC Falling Edge
27
4
—
—
22
4
—
—
x ck
i ck
ns
ns
93
Flags Input Setup Before
RXC Falling Edge
23
39
—
—
19
31
—
—
x ck
i ck s
ns
ns
94
Flags Input Hold Time
After RXC Falling Edge
27
4
—
—
22
4
—
—
x ck
i ck s
ns
ns
95
TXC Rising Edge to FST
Out (bl) High
—
—
54
23
—
—
43
19
x ck
i ck
ns
ns
96
TXC Rising Edge to FST
Out (bl) Low
—
—
50
27
—
—
40
22
x ck
i ck
ns
ns
97
TXC Rising Edge to FST
Out (wl) High
—
—
50
27
—
—
40
22
x ck
i ck
ns
ns
98
TXC Rising Edge to FST
Out (wl) Low
—
—
50
27
—
—
40
22
x ck
i ck
ns
ns
99
TXC Rising Edge to Data
Out Enable from High
Impedance
—
50
31
—
40
25
x ck
i ck
ns
ns
100
TXC Rising Edge to Data
Out Valid
—
50
31
—
40
25
x ck
i ck
ns
ns
101
TXC Rising Edge to Data
Out High Impedance (See
Note 2)
—
—
54
31
—
—
43
25
x ck
i ck
ns
ns
101A TXC Falling Edge to Data
Out High Impedance (See
Note 2)
—TC + TH
—TC + TH
g ck
ns
Table 2-12
SSI Timing (Continued)
Num
Characteristics
27 MHz
33 MHz
Case
Unit
Min
Max
Min
Max
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com