Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR9/D Datasheet(PDF) 11 Page - NXP Semiconductors

Part # APR9/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

APR9/D Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button APR9/D Datasheet HTML 7Page - NXP Semiconductors APR9/D Datasheet HTML 8Page - NXP Semiconductors APR9/D Datasheet HTML 9Page - NXP Semiconductors APR9/D Datasheet HTML 10Page - NXP Semiconductors APR9/D Datasheet HTML 11Page - NXP Semiconductors APR9/D Datasheet HTML 12Page - NXP Semiconductors APR9/D Datasheet HTML 13Page - NXP Semiconductors APR9/D Datasheet HTML 14Page - NXP Semiconductors APR9/D Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 101 page
background image
DSP56001A
Bus Control
MOTOROLA
DSP56001A/D, Rev. 1
1-5
BUS CONTROL
Table 1-7
Bus Control Signals
Signal
Name
Signal
Type
State
during
Reset
Signal Description
PS
Output Tri-stated Program Memory Select—PS is asserted low for external program
memory access. PS is tri-stated when the BG or RESET signal is asserted.
DS
Output Tri-stated Data Memory Select—DS is asserted low for external data memory
access. DS is tri-stated when the BG or RESET signal is asserted.
X/Y
Output Tri-stated X/Y External Memory Select—This output is driven low during external
Y data memory accesses. It is also driven low during external exception
vector fetches when operating in the Development mode. X/Y is tri-stated
when the BG or RESET signal is asserted.
BR
WT
Input/
Output
Tri-stated Bus Request/Wait—The bus request input BR allows another device such
as a processor or DMA controller to become master of the external data
bus D0–D23 and external address bus a0–a15. When operating mode
register (OMR) bit 7 is clear and BR is asserted, the DSP56001A will
always release the external data bus D0–D23, address bus A0–A15, and
bus control signals PS, DS, X/Y, RD, and WR (i.e. Port A), by tri-stating
these pins after execution of the current instruction has been completed.
If OMR bit 7 is set, this pin is an input that allows an external device to
force wait states during an external Port A operation for as long as WT is
asserted.
Note:
To prevent erroneous operation, pull up the BR/WT signal when
it is not in use.
BG
BS
Input/
Output
Tri-stated Bus Grant/Bus Select—If OMR Bit 7 is clear, this output is asserted to
acknowledge an external bus request after Port A has been released.
If OMR Bit 7 is set, this signal is bus strobe, and is asserted when the DSP
accesses Port A.
WR
Output Tri-stated Write Enable—WR is asserted during external memory write cycles. WR
is tri-stated when the BG or RESET signal is asserted.
RD
Output Tri-stated Read Enable—RD is asserted during external memory read cycles. RD is
tri-stated when the BG or RESET signal is asserted.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com