Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR9/D Datasheet(PDF) 78 Page - NXP Semiconductors

Part # APR9/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

APR9/D Datasheet(HTML) 78 Page - NXP Semiconductors

Back Button APR9/D Datasheet HTML 74Page - NXP Semiconductors APR9/D Datasheet HTML 75Page - NXP Semiconductors APR9/D Datasheet HTML 76Page - NXP Semiconductors APR9/D Datasheet HTML 77Page - NXP Semiconductors APR9/D Datasheet HTML 78Page - NXP Semiconductors APR9/D Datasheet HTML 79Page - NXP Semiconductors APR9/D Datasheet HTML 80Page - NXP Semiconductors APR9/D Datasheet HTML 81Page - NXP Semiconductors APR9/D Datasheet HTML 82Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 101 page
background image
4-4
DSP56001A/D, Rev. 1
MOTOROLA
DSP56001A
Substituting the DSP56001A for the DSP56001
CONTROL REGISTERS
The OMR and the Status Register on the DSP56001A have been altered from those on the
DSP56001. Refer to Table 4-2 for details of these alterations.
HOST COMMAND VECTOR REGISTER
The DSP56001A’s Host Command Vector Register (CVR) also differs from that of the DSP56001
(see Table 4-3).
Table 4-2
Summary of Control Register Differences
REGISTER
BIT
DSP56001
DEFINITION
DSP56001A
DEFINITION
EXPLAINATION OF
DIFFERENCE
Status Register
7
Reserved—
Read/Written as
zero.
Reserved—
Read as don’t
care.
On the 001A this bit may be
read as 0 or 1. The user should
not rely on this bit being a
given value.
14
Reserved—
Read/Written as
zero.
Reserved—
Write as zero
only, read as
don’t care.
If this bit is set on the 56001A,
the operations performed by
the Data ALU change, and
56001 code will yield
erroneous results. Write this bit
only as zero.
Operating Mode
Register
3
Reserved—
Read/.Written
as zero
Reserved—
Write as zero
only, read as
don’t care.
If this bit is set, memory reads
may be from incorrect
locations. Write this bit only as
zero.
Port B Control
Register
1
Reserved—
Written as zero.
Reserved—
Written as zero.
Writing this bit as a 1 will result
in behavior differences between
the 001 and the 001A.
Table 4-3
Summary of Host Command Vector Register Differences
REGISTER
BIT
DSP56001
DEFINITION
DSP56001A
DEFINITION
EXPLAINATION OF
DIFFERENCE
Host Command
Vector Register
(CVR)
5
Reserved—
Read as zero.
Reserved—Read
as don’t care.
This bit should be written with
only a zero on the 56001A.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com