Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS16_SER Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # BAS16_SER
Description  High-speed switching diodes
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS16_SER Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  BAS16_SER Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAS16_SER Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS16_SER Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS16_SER Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS16_SER Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS16_SER Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS16_SER Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS16_SER Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS16_SER Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1.
Product profile
1.1 General description
High-speed switching diodes, encapsulated in small Surface-Mounted Device (SMD)
plastic packages.
1.2 Features and benefits
1.3 Applications
 High-speed switching
 General-purpose switching
BAS16 series
High-speed switching diodes
Rev. 6 — 24 September 2014
Product data sheet
Table 1.
Product overview
Type number
Package
Configuration
Package
configuration
N
experia
JEITA
JEDEC
BAS16
SOT23
-
TO-236AB
single
small
BAS16H
SOD123F
-
-
single
small and flat lead
BAS16J
SOD323F
SC-90
-
single
very small and flat
lead
BAS16L
SOD882
-
-
single
leadless ultra
small
BAS16T
SOT416
SC-75
-
single
ultra small
BAS16VV
SOT666
-
-
triple isolated
ultra small and flat
lead
BAS16VY
SOT363
SC-88
-
triple isolated
very small
BAS16W
SOT323
SC-70
-
single
very small
BAS316
SOD323
SC-76
-
single
very small
BAS516
SOD523
SC-79
-
single
ultra small and flat
lead
 High switching speed: trr  4ns
 Low capacitance
 Low leakage current
 Reverse voltage: VR  100 V
 Repetitive peak reverse voltage:
VRRM  100 V
 Small SMD plastic packages
 AEC-Q101 qualified


Similar Part No. - BAS16_SER

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
BAS16BS WEITRON-BAS16BS Datasheet
900Kb / 3P
SWITCHING DIODES 500m AMPERES 75 VOLTS
logo
Nexperia B.V. All right...
BAS16LS NEXPERIA-BAS16LS Datasheet
280Kb / 11P
High-speed switching diode
9 February 2021
BAS16LS-Q NEXPERIA-BAS16LS-Q Datasheet
227Kb / 11P
High-speed switching diode
18 May 2021
logo
Pan Jit International I...
BAS16TS PANJIT-BAS16TS Datasheet
96Kb / 3P
SURFACE MOUNT SWITCHING DIODES
BAS16TS-AU PANJIT-BAS16TS-AU Datasheet
73Kb / 5P
SURFACE MOUNT SWITCHING DIODES
More results

Similar Description - BAS16_SER

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDH900 FAIRCHILD-FDH900 Datasheet
32Kb / 1P
High Speed Switching Diodes
logo
Jiangsu Changjiang Elec...
1SS404 JIANGSU-1SS404 Datasheet
61Kb / 2P
High Speed SWITCHING Diodes
1SS422 JIANGSU-1SS422 Datasheet
73Kb / 2P
High Speed SWITCHING Diodes
logo
SynSemi, Inc.
1N4531 SYNSEMI-1N4531 Datasheet
30Kb / 2P
HIGH SPEED SWITCHING DIODES
logo
Weitron Technology
BAS516 WEITRON-BAS516 Datasheet
225Kb / 4P
High Speed Switching Diodes
logo
EIC discrete Semiconduc...
BAW75 EIC-BAW75 Datasheet
35Kb / 2P
HIGH SPEED SWITCHING DIODES
logo
Shenzhen Jin Yu Semicon...
1SS388 HTSEMI-1SS388 Datasheet
235Kb / 2P
High Speed SWITCHING Diodes
logo
SeCoS Halbleitertechnol...
SCS422S SECOS-SCS422S_15 Datasheet
502Kb / 2P
High Speed Switching Diodes
logo
SHENZHEN YONGERJIA INDU...
1SS422 WINNERJOIN-1SS422_15 Datasheet
137Kb / 2P
High Speed SWITCHING Diodes
logo
NXP Semiconductors
BAV756S_BAW56 PHILIPS-BAV756S_BAW56_15 Datasheet
375Kb / 16P
High-speed switching diodes
Rev. 6-18 March 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com