Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS16J Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # BAS16J
Description  High-speed switching diodes
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS16J Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  BAS16J Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAS16J Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS16J Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS16J Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS16J Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS16J Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS16J Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS16J Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS16J Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
© Nexperia B.V. 2017. All rights reserved
BAS16_SER
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 6 — 24 September 2014
3 of 21
Nexperia
BAS16 series
High-speed switching diodes
3.
Ordering information
4.
Marking
[1]
* = placeholder for manufacturing site code
5.
Limiting values
Table 4.
Ordering information
Type number
Package
Name
Description
Version
BAS16
TO-236AB
plastic surface-mounted package; 3 leads
SOT23
BAS16H
-
plastic surface-mounted package; 2 leads
SOD123F
BAS16J
SC-90
plastic surface-mounted package; 2 leads
SOD323F
BAS16L
DFN1006-2
leadless ultra small plastic package; 2 terminals;
body 1.0
 0.6  0.5 mm
SOD882
BAS16T
SC-75
plastic surface-mounted package; 3 leads
SOT416
BAS16VV
-
plastic surface-mounted package; 6 leads
SOT666
BAS16VY
SC-88
plastic surface-mounted package; 6 leads
SOT363
BAS16W
SC-70
plastic surface-mounted package; 3 leads
SOT323
BAS316
SC-76
plastic surface-mounted package; 2 leads
SOD323
BAS516
SC-79
plastic surface-mounted package; 2 leads
SOD523
Table 5.
Marking codes
Type number
Marking code[1]
BAS16
A6*
BAS16H
A1
BAS16J
AR
BAS16L
S2
BAS16T
A6
BAS16VV
53
BAS16VY
16*
BAS16W
A6*
BAS316
A6
BAS516
6
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per diode
VRRM
repetitive peak reverse
voltage
-100
V
VR
reverse voltage
-
100
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com