Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS16J Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # BAS16J
Description  High-speed switching diodes
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS16J Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  BAS16J Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAS16J Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS16J Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS16J Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS16J Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS16J Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS16J Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS16J Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS16J Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
© Nexperia B.V. 2017. All rights reserved
BAS16_SER
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 6 — 24 September 2014
4 of 21
Nexperia
BAS16 series
High-speed switching diodes
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
[2]
Device mounted on an FR4 PCB with 60
m copper strip line.
[3]
Single diode loaded.
[4]
Soldering point of cathode tab.
[5]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for cathode 1 cm2.
[6]
Soldering points at pins 4, 5 and 6.
IF
forward current
BAS16
[1] -215
mA
BAS16H
BAS16L
[2] -215
mA
BAS16T
[1] -155
mA
BAS16VV
BAS16VY
[1][3] -200
mA
BAS16W
[1] -175
mA
BAS16J
BAS316
BAS516
[1] -250
mA
IFRM
repetitive peak forward
current
tp  0.5 ms;
 0.25
-500
mA
IFSM
non-repetitive peak forward
current
square wave;
Tj(init) = 25 °C
tp =1 s-
4
A
tp =1ms
-
1
A
tp =1s
-
0.5
A
Ptot
total power dissipation
BAS16
Tamb  25 C
[1] -250
mW
BAS16H
Tamb  25 C
[2] -380
mW
[5] -830
mW
BAS16J
Tamb  25 C
[5] -550
mW
BAS16L
Tamb  25 C
[2] -250
mW
BAS16T
Tsp  90 C
[1][4] -170
mW
BAS16VV
Tamb  25 C
[1][3] -180
mW
BAS16VY
Tsp  85 C
[1][3][6] -250
mW
BAS16W
Tamb  25 C
[1] -200
mW
BAS316
Tsp  90 C
[1][4] -400
mW
BAS516
Tsp  90 C
[1][4] -500
mW
Per device
Tj
junction temperature
-
150
C
Tamb
ambient temperature
65
+150
C
Tstg
storage temperature
65
+150
C
Table 6.
Limiting values …continued
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com