Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS16J Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # BAS16J
Description  High-speed switching diodes
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS16J Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button BAS16J Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS16J Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS16J Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS16J Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS16J Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS16J Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS16J Datasheet HTML 9Page - Nexperia B.V. All rights reserved BAS16J Datasheet HTML 10Page - Nexperia B.V. All rights reserved BAS16J Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
© Nexperia B.V. 2017. All rights reserved
BAS16_SER
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 6 — 24 September 2014
7 of 21
Nexperia
BAS16 series
High-speed switching diodes
(1) Tamb = 150 C
(2) Tamb =85 C
(3) Tamb =25 C
(4) Tamb = 40 C
Based on square wave currents.
Tj(init) =25 C
Fig 1.
Forward current as a function of forward
voltage; typical values
Fig 2.
Non-repetitive peak forward current as a
function of pulse duration; maximum values
(1) Tamb = 150 C
(2) Tamb =85 C
(3) Tamb =25 C
(4) Tamb = 40 C
f=1MHz; Tamb =25 C
Fig 3.
Reverse current as a function of reverse
voltage; typical values
Fig 4.
Diode capacitance as a function of reverse
voltage; typical values
006aab132
1
10
102
103
IF
(mA)
10−1
VF (V)
0
1.4
1.0
0.4
0.8
0.2
1.2
0.6
(1)
(2)
(3)
(4)
mbg704
10
1
102
IFSM
(A)
10−1
tp (µs)
1104
103
10
102
006aab133
102
IR
(
µA)
VR (V)
0
100
80
40
60
20
10
1
10−1
10−2
10−3
10−4
10−5
(1)
(2)
(3)
(4)
08
16
12
4
0.8
0.6
0
0.4
0.2
mbg446
VR (V)
Cd
(pF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com