Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2003 Datasheet(PDF) 1 Page - Wuxi Youda electronics Co.,LTD

Part # TDA2003
Description  10W AUDIO AMPLIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YOUDA [Wuxi Youda electronics Co.,LTD]
Direct Link  http://www.e-youda.com/
Logo YOUDA - Wuxi Youda electronics Co.,LTD

TDA2003 Datasheet(HTML) 1 Page - Wuxi Youda electronics Co.,LTD

  TDA2003 Datasheet HTML 1Page - Wuxi Youda electronics Co.,LTD TDA2003 Datasheet HTML 2Page - Wuxi Youda electronics Co.,LTD TDA2003 Datasheet HTML 3Page - Wuxi Youda electronics Co.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
YOUDA INTEGRATED CIRCUIT
TDA2003
10W AUDIO AMPLIFIER—TDA2003
DESCRIPTION
The TDA2003 has very low number of external components, ease of assembly, space and cost saving, are
maintained. The device provides a high output current capability (up to 3.5A) very low harmonic and cross- over
distortion. Completely safe operation is guaranteed due to protection against DC and AC short circuit between all
pins and ground, thermal over-range, load dump voltage surge up to 40V and fortuitous open ground.
BLOCK DIAGRAM
1
24
35
+
-
ABSOLUTE MAXIMUM RATINGS
(Tamb=25℃)
PARAMETER
SYMBOL
VALUE
UNIT
Peak Supply Voltage(50ms)
Vccp
40
V
DC Supply Voltage
Vcc
28
V
Operating Supply Voltage
Vcc
18
V
Output Peak Current(repetitive)
Io
3.5
A
Output Peak Current (non repetitive)
Io
4.5
A
Power Dissipation at Tc=90℃
PD
20
W
Ambient operating temperature
Topr
-20~+75
℃
Storage And Junction Temperature
Tstg
-40~+150
℃
WuXi YouDa Electronics Co., Ltd
Add:
No.5 Xijin Road, National Hi-Tech Industrial Development Zone, Wuxi Jiangsu China
Tel:
86-510-85205117
86-510-85205106
Fax:
86-510-85205110
Website: www.e-youda.com
SHENZHEN OFFICE
Tel: 86-755-83740369
Fax: 86-755-83741418
Ver
5.0
1 of 3
2006-06-28


Similar Part No. - TDA2003

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA2003 STMICROELECTRONICS-TDA2003 Datasheet
152Kb / 10P
10W CAR RADIO AUDIO AMPLIFIER
Oct-1998
logo
Unisonic Technologies
TDA2003 UTC-TDA2003 Datasheet
316Kb / 10P
10W CAR RADIO AUDIO AMPLIFIER
logo
STMicroelectronics
TDA2003 STMICROELECTRONICS-TDA2003 Datasheet
301Kb / 10P
10W CAR RADIO AUDIO AMPLIFIER
Sep-2013
logo
Tiger Electronic Co.,Lt...
TDA2003 TGS-TDA2003 Datasheet
338Kb / 8P
10W CAR RADIO AUDIO AMPLIFIER
logo
Hotchip Technology Co.,...
TDA2003 HOTCHIP-TDA2003 Datasheet
895Kb / 11P
The TDA2003 is a monolithic audio power amplifier integrated circuit.
More results

Similar Description - TDA2003

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA1910 STMICROELECTRONICS-TDA1910 Datasheet
196Kb / 14P
10W AUDIO AMPLIFIER WITH MUTING
May-1997
logo
Unisonic Technologies
UTCTDA2003 UTC-UTCTDA2003 Datasheet
72Kb / 8P
10W CAR RADIO AUDIO AMPLIFIER
logo
Integral Corp.
ILA2003 INTEGRAL-ILA2003 Datasheet
157Kb / 4P
10W AUDIO AMPLIFIER
logo
KODENSHI_AUK CORP.
KKA2003 KODENSHI-KKA2003 Datasheet
139Kb / 3P
10W AUDIO AMPLIFIER
logo
STMicroelectronics
TDA1910 STMICROELECTRONICS-TDA1910_03 Datasheet
389Kb / 15P
10W AUDIO AMPLIFIER WITH MUTING
Sep-2003
E-TDA2003V STMICROELECTRONICS-E-TDA2003V Datasheet
301Kb / 10P
10W CAR RADIO AUDIO AMPLIFIER
Sep-2013
logo
Tiger Electronic Co.,Lt...
TDA2003AV TGS-TDA2003AV Datasheet
338Kb / 8P
10W CAR RADIO AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2003 UTC-TDA2003_15 Datasheet
320Kb / 10P
10W CAR RADIO AUDIO AMPLIFIER
logo
ARTSCHIP ELECTRONICS CO...
TDA2003 ARTSCHIP-TDA2003 Datasheet
647Kb / 9P
10W CAR RADIO AUDIO AMPLIFIER
logo
Princeton Technology Co...
PT2830 PTC-PT2830 Datasheet
231Kb / 5P
10W Stereo Integrated Audio Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com