Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2003 Datasheet(PDF) 2 Page - Wuxi Youda electronics Co.,LTD

Part # TDA2003
Description  10W AUDIO AMPLIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YOUDA [Wuxi Youda electronics Co.,LTD]
Direct Link  http://www.e-youda.com/
Logo YOUDA - Wuxi Youda electronics Co.,LTD

TDA2003 Datasheet(HTML) 2 Page - Wuxi Youda electronics Co.,LTD

  TDA2003 Datasheet HTML 1Page - Wuxi Youda electronics Co.,LTD TDA2003 Datasheet HTML 2Page - Wuxi Youda electronics Co.,LTD TDA2003 Datasheet HTML 3Page - Wuxi Youda electronics Co.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
YOUDA INTEGRATED CIRCUIT
TDA2003
ELECTRICAL CHARACTERISTICS
(Tamb=25℃, V=16.5V, f=1kHz, Unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
NIN
TYP
MAX
UNIT
Supply Voltage
Vcc
8
18
V
Quiescent Output Voltage
Vo
6.1
6.9
7.7
V
Quiescent Drain Current
Iccq
44
50
mA
THD=10%, RL=4Ω
5.5
6
THD=10%, RL =2Ω
9
10
THD=10%, RL =3.2Ω
7.5
Output Power
Po
THD=10%, RL =1.6Ω
12
W
Input Saturation Voltage
Vim
300
mV
Po=0.5W, RL =4Ω
14
Po=6W, RL =4Ω
55
Po=0.5W, RL =2Ω
10
Input Sensitivity
Vi
Po=10W, RL =2Ω
50
mV
Frequency Response
BW
Po=1W, RL =4Ω
40 to 15000
Hz
Po=0.05~4.5W, RL =4Ω
0.15
%
Distortion
THD
Po=0.05~7.5W, RL =2Ω
0.15
%
Input Resistance (pin 1)
Zi
f=1kHz
70
150
KΩ
Input Noise Current
lNI
60
200
pA
Input Noise Voltage
VNI
1
5
μV
f=1kHz
80
dB
Voltage Gain (Open Loop)
Gvo
f=10kHz
60
dB
Voltage Gain (closed
Loop)
Gv
RL =4Ω
39.3
40
40.3
dB
Po=6W, RL =4Ω
69
%
Efficiency
η
Po=10W, RL =2Ω
65
%
Supply Voltage Rejection
SVR
f=100Hz, Vr=0.5V
Rg=10kΩ, RL =4Ω
30
36
dB
WuXi YouDa Electronics Co., Ltd
2 of 3
Website: www.e-youda.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com