Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2003 Datasheet(PDF) 3 Page - Wuxi Youda electronics Co.,LTD

Part # TDA2003
Description  10W AUDIO AMPLIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YOUDA [Wuxi Youda electronics Co.,LTD]
Direct Link  http://www.e-youda.com/
Logo YOUDA - Wuxi Youda electronics Co.,LTD

TDA2003 Datasheet(HTML) 3 Page - Wuxi Youda electronics Co.,LTD

  TDA2003 Datasheet HTML 1Page - Wuxi Youda electronics Co.,LTD TDA2003 Datasheet HTML 2Page - Wuxi Youda electronics Co.,LTD TDA2003 Datasheet HTML 3Page - Wuxi Youda electronics Co.,LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
YOUDA INTEGRATED CIRCUIT
TDA2003
APPLICATION CIRCUIT
39Ω
1Ω
220Ω
+
1000μ
0.1μ
0.039μ
+
470μ
0.1μ
+
1000μ
+
10μ
Vcc
Vin
+
_
1
2
5
3
4
2.2Ω
OUTLINE DRAWING
Inches / millimeters
WuXi YouDa Electronics Co., Ltd
3 of 3
Website: www.e-youda.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com