Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCP68 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BCP68
Description  NPN medium power transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BCP68 Datasheet(HTML) 5 Page - NXP Semiconductors

  BCP68 Datasheet HTML 1Page - NXP Semiconductors BCP68 Datasheet HTML 2Page - NXP Semiconductors BCP68 Datasheet HTML 3Page - NXP Semiconductors BCP68 Datasheet HTML 4Page - NXP Semiconductors BCP68 Datasheet HTML 5Page - NXP Semiconductors BCP68 Datasheet HTML 6Page - NXP Semiconductors BCP68 Datasheet HTML 7Page - NXP Semiconductors BCP68 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
1999 Apr 08
5
Philips Semiconductors
Product specification
NPN medium power transistor
BCP68
PACKAGE OUTLINE
UNIT
A1
bp
cD
E
e1
HE
Lp
Qy
w
v
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
0.10
0.01
1.8
1.5
0.80
0.60
b1
3.1
2.9
0.32
0.22
6.7
6.3
3.7
3.3
2.3
e
4.6
7.3
6.7
1.1
0.7
0.95
0.85
0.1
0.1
0.2
DIMENSIONS (mm are the original dimensions)
SOT223
96-11-11
97-02-28
w M
bp
D
b1
e1
e
A
A1
Lp
Q
detail X
HE
E
v M A
A
B
B
c
y
0
2
4 mm
scale
A
X
13
2
4
Plastic surface mounted package; collector pad for good heat transfer; 4 leads
SOT223



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com