Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCP68 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BCP68
Description  NPN medium power transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BCP68 Datasheet(HTML) 3 Page - NXP Semiconductors

  BCP68 Datasheet HTML 1Page - NXP Semiconductors BCP68 Datasheet HTML 2Page - NXP Semiconductors BCP68 Datasheet HTML 3Page - NXP Semiconductors BCP68 Datasheet HTML 4Page - NXP Semiconductors BCP68 Datasheet HTML 5Page - NXP Semiconductors BCP68 Datasheet HTML 6Page - NXP Semiconductors BCP68 Datasheet HTML 7Page - NXP Semiconductors BCP68 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1999 Apr 08
3
Philips Semiconductors
Product specification
NPN medium power transistor
BCP68
THERMAL CHARACTERISTICS
Note
1. Device mounted on a printed-circuit board, single-sided copper, tinplated, mounting pad for collector 1 cm2.
For other mounting conditions, see
“Thermal considerations for SOT223 in the General Part of associated
Handbook”.
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
91
K/W
Rth j-s
thermal resistance from junction to soldering point
10
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB =25V
−−
100
nA
IE = 0; VCB = 25 V; Tj = 150 °C
−−
10
µA
IEBO
emitter cut-off current
IC = 0; VEB =5V
−−
100
nA
hFE
DC current gain
IC = 5 mA; VCE =10V
50
−−
IC = 500 mA; VCE = 1 V; see Fig.2
85
375
IC = 1 A; VCE = 1 V; see Fig.2
60
−−
DC current gain
IC = 500 mA; VCE = 1 V; see Fig.2
BCP68-25
160
375
VCEsat
collector-emitter saturation voltage IC = 1 A; IB = 100 mA
−−
500
mV
VBE
base-emitter voltage
IC = 5 mA; VCE =10V
620
mV
IC = 1 A; VCE =1V
−−
1V
Cc
collector capacitance
IE =ie = 0; VCB =5V; f=1MHz
38
pF
fT
transition frequency
IC = 10 mA; VCE = 5 V; f = 100 MHz
40
−−
MHz
DC current gain ratio of the
complementary pairs
I
C = 0.5 A; VCE =1V
−−
1.6
h
FE1
h
FE2
-----------



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com