Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9411/PCB Datasheet(PDF) 14 Page - Analog Devices

Part # AD9411/PCB
Description  10-Bit, 170/200 MSPS 3.3 V A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9411/PCB Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9411/PCB Datasheet HTML 10Page - Analog Devices AD9411/PCB Datasheet HTML 11Page - Analog Devices AD9411/PCB Datasheet HTML 12Page - Analog Devices AD9411/PCB Datasheet HTML 13Page - Analog Devices AD9411/PCB Datasheet HTML 14Page - Analog Devices AD9411/PCB Datasheet HTML 15Page - Analog Devices AD9411/PCB Datasheet HTML 16Page - Analog Devices AD9411/PCB Datasheet HTML 17Page - Analog Devices AD9411/PCB Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
AD9411
Rev. A | Page 14 of 28
40
50
60
70
80
90
100
200
150
50
100
0
250
300
350
400
AIN (MHz)
THIRD
SFDR
SECOND
Figure 15. Harmonic Distortion (Second and Third) and SFDR vs. AIN
Frequency @ 170 MSPS
(MHz)
400
0
50
100
150
200
250
300
350
100
90
80
70
60
50
40
THIRD
SECOND
SFDR
Figure 16. Harmonic Distortion (Second and Third) and SFDR vs. AIN
Frequency @ 200 MSPS
(MHz)
450
0
50
100
150
200
250
300
350
400
61
59
57
55
53
51
49
47
45
SNR_200
SNR_170
SINAD_200
SINAD_170
Figure 17. SNR and SINAD vs. AIN Frequency; fS = 170/200 MSPS,
AIN @ –0.5 dBFS Full Scale = 1.536 V
–120
–100
–80
–90
–110
–60
–70
–40
–50
–20
–30
0
–10
40
30
10
20
0
50607080
MHz
SFDR = 71.5dBc
Figure 18. Two-Tone Intermodulation Distortion
(30.5 MHz and 31.0 MHz; fS = 170 MSPS)
(MHz)
100
0
2040
6080
90
10
30
50
70
0
–20
–40
–60
–80
–100
–120
SFDR = 78.8dBc
Figure 19. Two-Tone Intermodulation Distortion
(69.3 MHz and 70.3 MHz; fS = 200 MSPS)
(MSPS)
250
0
50
100
150
200
80
70
75
65
55
60
50
45
40
SFDR_170
SFDR_200
SINAD_170
SINAD_200
Figure 20. SINAD and SFDR vs. Clock Rate
(AIN = 10.3 MHz @ –0.5 dBFS) 170/200 grade



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com