Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9411/PCB Datasheet(PDF) 15 Page - Analog Devices

Part # AD9411/PCB
Description  10-Bit, 170/200 MSPS 3.3 V A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9411/PCB Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9411/PCB Datasheet HTML 11Page - Analog Devices AD9411/PCB Datasheet HTML 12Page - Analog Devices AD9411/PCB Datasheet HTML 13Page - Analog Devices AD9411/PCB Datasheet HTML 14Page - Analog Devices AD9411/PCB Datasheet HTML 15Page - Analog Devices AD9411/PCB Datasheet HTML 16Page - Analog Devices AD9411/PCB Datasheet HTML 17Page - Analog Devices AD9411/PCB Datasheet HTML 18Page - Analog Devices AD9411/PCB Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
AD9411
Rev. A | Page 15 of 28
0
10
20
30
40
50
60
70
80
90
0
50
100
150
200
250
300
350
400
450
100
120
140
160
180
200
220
240
ENCODE (MSPS)
OUTPUT SUPPLY
CURRENT
ANALOG SUPPLY
CURRENT
Figure 21. IAVDD and IDRVDD vs. Clock Rate, 170 MSPS Grade, CLOAD = 5 pF
(AIN = 10.3 MHz @ –0.5 dBFS)
SAMPLE RATE (MSPS)
240
100
120
140
180
160
200
220
0
90
80
70
60
50
40
30
20
10
450
400
350
300
250
200
150
100
50
0
OUTPUT SUPPLY CURRENT
ANALOG SUPPLY CURRENT
Figure 22. IAVDD and IDRVDD vs. Clock Rate, 200 MSPS Grade, CLOAD = 5 pF
(AIN = 10.3 MHz @ –0.5 dBFS)
55
57
59
61
63
65
67
69
71
73
75
20
30
40
50
60
70
80
90
ENCODE POSITIVE DUTY CYCLE (%)
SFDR
SNR
SINAD
Figure 23. SINAD and SFDR vs. Clock Pulse Width High
(AIN = 10.3 MHz @ –0.5 dBFS, 170 MSPS)
SAMPLE CLOCK POSITIVE DUTY CYCLE
80
20
30
40
50
60
70
80
75
70
65
60
55
50
SFDR
SNR
SINAD
Figure 24. SINAD and SFDR vs. Clock Pulse Width High
(AIN = 10.3 MHz @ –0.5 dBFS, 200 MSPS)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
4
3
12
05
6
ILOAD (mA)
7
8
RO = 13Ω TYP
Figure 25. VREFOUT vs. ILOAD (Both Speed Grades)
VREF (V)
1.5
0.5
0.7
0.9
1.1
1.3
80
75
70
65
60
55
50
SFDR
SINAD
Figure 26. Sinad, SFDR vs. VREF in External Reference Mode
(AIN = 70 MHz @ –0.5 dBFS, 200 MSPS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com