Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9411/PCB Datasheet(PDF) 27 Page - Analog Devices

Part # AD9411/PCB
Description  10-Bit, 170/200 MSPS 3.3 V A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9411/PCB Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9411/PCB Datasheet HTML 20Page - Analog Devices AD9411/PCB Datasheet HTML 21Page - Analog Devices AD9411/PCB Datasheet HTML 22Page - Analog Devices AD9411/PCB Datasheet HTML 23Page - Analog Devices AD9411/PCB Datasheet HTML 24Page - Analog Devices AD9411/PCB Datasheet HTML 25Page - Analog Devices AD9411/PCB Datasheet HTML 26Page - Analog Devices AD9411/PCB Datasheet HTML 27Page - Analog Devices AD9411/PCB Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
AD9411
Rev. A | Page 27 of 28
OUTLINE DIMENSIONS
TOP VIEW
(PINS DOWN)
1
25
26
50
76
100
75
51
14.00 SQ
16.00 SQ
0.27
0.22
0.17
0.50 BSC
1.05
1.00
0.95
0.15
0.05
0.75
0.60
0.45
SEATING
PLANE
1.20
MAX
1
25
26
50
76
100
75
51
CONDUCTIVE
HEAT SINK
6.50
NOM
COMPLIANT TO JEDEC STANDARDS MS-026AED-HD
NOTES
1. CENTER FIGURES ARE TYPICAL UNLESS OTHERWISE NOTED.
2. THE AD9411 HAS A CONDUCTIVE HEAT SLUG TO HELP DISSIPATE HEAT AND ENSURE RELIABLE OPERATION OF
THE DEVICE OVER THE FULL INDUSTRIAL TEMPERATURE RANGE. THE SLUG IS EXPOSED ON THE BOTTOM OF
THE PACKAGE AND ELECTRICALLY CONNECTED TO CHIP GROUND. IT IS RECOMMENDED THAT NO PCB SIGNAL
TRACES OR VIAS BE LOCATED UNDER THE PACKAGE THAT COULD COME IN CONTACT WITH THE CONDUCTIVE
SLUG. ATTACHING THE SLUG TO A GROUND PLANE WILL REDUCE THE JUNCTION TEMPERATURE OF THE
DEVICE WHICH MAY BE BENEFICIAL IN HIGH TEMPERATURE ENVIRONMENTS.
3.5°
COPLANARITY
0.08
0.20
0.09
Figure 54. 100-Lead Thin Plastic Quad Flat Package, Exposed Pad [TQFP/EP]
(SV-100)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature
Range
Package Description
Package Option
AD9411BSV-170
AD9411BSV-200
–40°C to +85°C
–40°C to +85°C
TQFP/EP
TQFP/EP
SV-100
SV-100
AD9411/PCB
EVALUATION BOARD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com