Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC601 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MPC601
Description  PowerPC™ 601 RISC Microprocessor Technical Summary
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC601 Datasheet(HTML) 2 Page - NXP Semiconductors

  MPC601 Datasheet HTML 1Page - NXP Semiconductors MPC601 Datasheet HTML 2Page - NXP Semiconductors MPC601 Datasheet HTML 3Page - NXP Semiconductors MPC601 Datasheet HTML 4Page - NXP Semiconductors MPC601 Datasheet HTML 5Page - NXP Semiconductors MPC601 Datasheet HTML 6Page - NXP Semiconductors MPC601 Datasheet HTML 7Page - NXP Semiconductors MPC601 Datasheet HTML 8Page - NXP Semiconductors MPC601 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
2
PowerPC 601 RISC Microprocessor Technical Summary
Part 1 PowerPC 601 Microprocessor Overview
Part 1 describes the features of the 601, provides a block diagram showing the major functional units, and
gives an overview of how the 601 operates.
The 601 is the first implementation of the PowerPC family of reduced instruction set computer (RISC)
microprocessors. The 601 implements the 32-bit portion of the PowerPC architecture, which provides 32-
bit effective (logical) addresses, integer data types of 8, 16, and 32 bits, and floating-point data types of 32
and 64 bits. For 64-bit PowerPC implementations, the PowerPC architecture provides 64-bit integer data
types, 64-bit addressing, and other features required to complete the 64-bit architecture.
The 601 is a superscalar processor capable of issuing and retiring three instructions per clock, one to each
of three execution units. Instructions can complete out of order for increased performance; however, the 601
makes execution appear sequential.
The 601 integrates three execution units—an integer unit (IU), a branch processing unit (BPU), and a
floating-point unit (FPU). The ability to execute three instructions in parallel and the use of simple
instructions with rapid execution times yield high efficiency and throughput for 601-based systems. Most
integer instructions execute in one clock cycle. The FPU is pipelined so a single-precision multiply-add
instruction can be issued every clock cycle.
The 601 includes an on-chip, 32-Kbyte, eight-way set-associative, physically addressed, unified instruction
and data cache and an on-chip memory management unit (MMU). The MMU contains a 256-entry, two-way
set-associative, unified translation lookaside buffer (UTLB) and provides support for demand paged virtual
memory address translation and variable-sized block translation. Both the UTLB and the cache use least
recently used (LRU) replacement algorithms.
The 601 has a 64-bit data bus and a 32-bit address bus. The 601 interface protocol allows multiple masters
to compete for system resources through a central external arbiter. Additionally, on-chip snooping logic
maintains cache coherency in multiprocessor applications. The 601 supports single-beat and burst data
transfers for memory accesses; it also supports both memory-mapped I/O and I/O controller interface
addressing.
The 601 uses an advanced, 3.6-V CMOS process technology and maintains full interface compatibility with
TTL devices.
1.1 PowerPC 601 Microprocessor Features
This section describes details of the 601’s implementation of the PowerPC architecture. Major features of
the 601 are as follows:
•
High-performance, superscalar microprocessor
— As many as three instructions in execution per clock (one to each of the three execution units)
— Single clock cycle execution for most instructions
— Pipelined FPU for all single-precision and most double-precision operations
•
Three independent execution units and two register files
— BPU featuring static branch prediction
— A 32-bit IU
— Fully IEEE 754-compliant FPU for both single- and double-precision operations
— Thirty-two GPRs for integer operands
— Thirty-two FPRs for single- or double-precision operands
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com