Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC601 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # MPC601
Description  PowerPC™ 601 RISC Microprocessor Technical Summary
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC601 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button MPC601 Datasheet HTML 9Page - NXP Semiconductors MPC601 Datasheet HTML 10Page - NXP Semiconductors MPC601 Datasheet HTML 11Page - NXP Semiconductors MPC601 Datasheet HTML 12Page - NXP Semiconductors MPC601 Datasheet HTML 13Page - NXP Semiconductors MPC601 Datasheet HTML 14Page - NXP Semiconductors MPC601 Datasheet HTML 15Page - NXP Semiconductors MPC601 Datasheet HTML 16Page - NXP Semiconductors MPC601 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
PowerPC 601 RISC Microprocessor Technical Summary
13
3.2.1.8 User-Level SPRs
The following 601 SPRs are accessible by user-level software:
•
Link register (LR)—The link register can be used to provide the branch target address and to hold
the return address after branch and link instructions. The LR is 32 bits wide in 32-bit
implementations.
•
Count register (CTR)—The CTR is decremented and tested automatically as a result of branch-and-
count instructions. The CTR is 32 bits wide in 32-bit implementations.
•
Integer exception register (XER)—The 32-bit XER contains the integer carry and overflow bits and
two fields for the Load String and Compare Byte Indexed (lscbx) instruction (a POWER instruction
implemented in the 601 but not defined by the PowerPC architecture).
3.2.1.9 Supervisor-Level SPRs
The 601 also contains SPRs that can be accessed only by supervisor-level software. These registers consist
of the following:
•
The 32-bit data access exception (DAE)/source instruction service register (DSISR) defines the
cause of data access and alignment exceptions.
•
The data address register (DAR) is a 32-bit register that holds the address of an access after an
alignment or data access exception.
•
Decrementer register (DEC) is a 32-bit decrementing counter that provides a mechanism for
causing a decrementer exception after a programmable delay. PowerPC architecture defines that the
DEC frequency be provided as a subdivision of the processor clock frequency; however, the 601
implements a separate clock input that serves both the DEC and the RTC facilities.
•
The 32-bit table search description register 1(SDR1) specifies the page table format used in logical-
to-physical address translation for pages.
•
The machine status save/restore register 0 (SRR0) is a 32-bit register that is used by the 601 for
saving the address of the instruction that caused the exception, and the address to return to when a
Return from Interrupt (rfi) instruction is executed.
•
The machine status save/restore register 1 (SRR1) is a 32-bit register used to save machine status
on exceptions and to restore machine status when an rfi instruction is executed.
•
General SPRs, SPRG0–SPRG3, are 32-bit registers provided for operating system use.
•
The external access register (EAR) is a 32-bit register that controls access to the external control
facility through the External Control Input Word Indexed (eciwx) and External Control Output
Word Indexed (ecowx) instructions.
•
The processor version register (PVR) is a 32-bit, read-only register that identifies the version
(model) and revision level of the PowerPC processor.
•
Block address translation (BAT) registers—The PowerPC architecture defines 16 BAT registers,
divided into four pairs of data BATs (DBATs) and four pairs of instruction BATs (IBATs). The 601
includes four pairs of unified BATs (BAT0U–BAT3U and BAT0L–BAT3L). See Figure 3 for a list
of the SPR numbers for the BAT registers. Note that the format for the 601’s implementation of the
BAT registers differs from the PowerPC architecture definition.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com