Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC601 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # MPC601
Description  PowerPC™ 601 RISC Microprocessor Technical Summary
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC601 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button MPC601 Datasheet HTML 17Page - NXP Semiconductors MPC601 Datasheet HTML 18Page - NXP Semiconductors MPC601 Datasheet HTML 19Page - NXP Semiconductors MPC601 Datasheet HTML 20Page - NXP Semiconductors MPC601 Datasheet HTML 21Page - NXP Semiconductors MPC601 Datasheet HTML 22Page - NXP Semiconductors MPC601 Datasheet HTML 23Page - NXP Semiconductors MPC601 Datasheet HTML 24Page - NXP Semiconductors MPC601 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
PowerPC 601 RISC Microprocessor Technical Summary
21
The PowerPC architecture defines several of the exceptions differently than the 601 implementation. For
example, the PowerPC exception model provides a unique vector for the trace exception; the 601 vectors
trace exceptions to the run-mode exception handler. Other differences are noted in Section 3.5.2, “PowerPC
601 Microprocessor Exception Model.”
3.5.2 PowerPC 601 Microprocessor Exception Model
As specified by the PowerPC architecture, all 601 exceptions can be described as either precise or imprecise
and either synchronous or asynchronous. Asynchronous exceptions are caused by events external to the
processor’s execution; synchronous exceptions, which are all handled precisely by the 601, are caused by
instructions.
The 601 exception classes are shown in Table 1.
Although exceptions have other characteristics as well, such as whether they are maskable or nonmaskable,
the distinctions shown in Table 1 define categories of exceptions that the 601 handles uniquely. Note that
Table 1 includes no synchronous imprecise instructions. While the PowerPC architecture supports
imprecise handling of floating-point exceptions, the 601 implements these exception modes as precise
exceptions.
The 601’s exceptions, and conditions that cause them, are listed in Table 2. Exceptions that are specific to
the 601 are indicated.
Table 1. PowerPC 601 Microprocessor Exception Classifications
Synchronous/Asynchronous
Precise/Imprecise
Exception Type
Asynchronous
Imprecise
Machine check
System reset
Asynchronous
Precise
External interrupt
Decrementer
Synchronous
Precise
Instruction-caused exceptions
Table 2. Exceptions and Conditions
Exception
Type
Vector Offset
(hex)
Causing Conditions
Reserved
00000
—
System reset
00100
A system reset is caused by the assertion of either SRESET or HRESET.
Machine check
00200
A machine check is caused by the assertion of the TEA signal during a data bus
transaction.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com