Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D18AP2WF Datasheet(PDF) 4 Page - Diodes Incorporated

Part # D18AP2WF
Description  225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D18AP2WF Datasheet(HTML) 4 Page - Diodes Incorporated

  D18AP2WF Datasheet HTML 1Page - Diodes Incorporated D18AP2WF Datasheet HTML 2Page - Diodes Incorporated D18AP2WF Datasheet HTML 3Page - Diodes Incorporated D18AP2WF Datasheet HTML 4Page - Diodes Incorporated D18AP2WF Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
D18AP2WF
Document number: DS43849 Rev. 1 - 2
4 of 5
www.diodes.com
July 2021
© Diodes Incorporated
D18AP2WF
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
SOD123F (Type B)
Dim
Min
Max
Typ
A
0.81
 1.15
—
b
0.80
1.35
—
c
0.05
0.30
—
D
1.70
1.90
1.80
E
2.60
2.80
2.70
He
3.30
3.70
3.50
L
0.35
0.85
—
All Dimensions in mm
Dimensions
Value
(in mm)
G
1.90
X
1.00
X1
3.90
Y
1.50
b
D
He
E
A
c
L
X1
G
Y
X
SOD123F (Type B)
SOD123F (Type B)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com