Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D18AP2WF Datasheet(PDF) 1 Page - Diodes Incorporated

Part # D18AP2WF
Description  225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D18AP2WF Datasheet(HTML) 1 Page - Diodes Incorporated

  D18AP2WF Datasheet HTML 1Page - Diodes Incorporated D18AP2WF Datasheet HTML 2Page - Diodes Incorporated D18AP2WF Datasheet HTML 3Page - Diodes Incorporated D18AP2WF Datasheet HTML 4Page - Diodes Incorporated D18AP2WF Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
D18AP2WF
Document number: DS43849 Rev. 1 - 2
1 of 5
www.diodes.com
July 2021
© Diodes Incorporated
D18AP2WF
225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Product Summary (@TA = +25°C)
VBR (MIN)
IPP (MAX)
VC (MAX)
20V
7.71A
29.2V
Description
This new generation TVS is designed for transient overvoltage
protection. The combination of small size and high ESD surge
capability makes it ideal for use in power management and battery
contact.
Applications
It is ideally suited for use in applications such as the following:
Power Management
Battery Contacts
Features
225W Peak Pulse Power Dissipation (10µs x 1000µs Waveform)
18V Standoff Voltages
Provides ESD Protection per IEC 61000-4-2 Standard:
Air ±30kV, Contact ±30kV
Excellent Clamping Capability
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
For automotive applications requiring specific change control
(i.e. parts qualified to AEC-Q100/101/200, PPAP capable, and
manufactured in IATF 16949 certified facilities), please
contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
Mechanical Data
Case: SOD123F
Case Material: Molded Plastic, "Green" Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections: Cathode Bar
Terminals: Matte Tin Finish Annealed over Copper Alloy
Leadframe. Solderable per MIL-STD-202, Method 208
Weight: 0.018 grams (Approximate)
Ordering Information (Note 4)
Part Number
Compliance
Marking Code
Reel Size (inches)
Tape Width (mm)
Quantity per Reel
D18AP2WF-7
Commercial
P2S
7
8
3,000/Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant. All applicable RoHS exemptions applied.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
Date Code Key
Year
2021
2022
2023
2024
2025
2026
2027
2028
2029
2030
2031
2032
Code
I
J
K
L
M
N
O
P
R
S
T
U
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
F
x
x
Green
Bottom View
P2S = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: I = 2021)
M = Month (ex: 9 = September)
Bar Denotes Cathode Side
SOD123F (Type B)
P2S
Top View
Cathode
Anode


Similar Part No. - D18AP2WF

ManufacturerPart #DatasheetDescription
logo
WM Berg Inc.
D18-1 WMBERG-D18-1 Datasheet
90Kb / 1P
DOWEL SOFT PINS
logo
PANDUIT CORP.
D18-145M PANDUIT-D18-145M Datasheet
67Kb / 1P
NON-INSULATED MALE TAB
D18-187 PANDUIT-D18-187 Datasheet
69Kb / 1P
NON-INSULATED FEMALE DISCONNECT, SLEEVED BARREL (.188 SERIES)
D18-187-C PANDUIT-D18-187-C Datasheet
69Kb / 1P
NON-INSULATED FEMALE DISCONNECT, SLEEVED BARREL (.188 SERIES)
D18-187-M PANDUIT-D18-187-M Datasheet
69Kb / 1P
NON-INSULATED FEMALE DISCONNECT, SLEEVED BARREL (.188 SERIES)
More results

Similar Description - D18AP2WF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DFLT5V0A DIODES-DFLT5V0A Datasheet
83Kb / 4P
225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS30581 Rev. 3 - 2
DFLT5V0A DIODES-DFLT5V0A_09 Datasheet
103Kb / 5P
225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS30581 Rev. 6 - 2
logo
Diotech Company.
SMDJ5.0 DIOTECH-SMDJ5.0 Datasheet
935Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
1.5SMC DIOTECH-1.5SMC Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Semiconducto...
SMBJ5.0 CHENDA-SMBJ5.0 Datasheet
2Mb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
DPD13AWF DIODES-DPD13AWF Datasheet
432Kb / 5P
225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev 1
DFLT5V0A DIODES-DFLT5V0A_17 Datasheet
212Kb / 5P
225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWERDI
Rev erse
D3V3AP2WF DIODES-D3V3AP2WF Datasheet
335Kb / 5P
225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
December 2019 Rev. 1 - 2
D5V0AP2WF DIODES-D5V0AP2WF Datasheet
339Kb / 5P
225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
December 2019 Rev. 1 - 2
D13AP2WF DIODES-D13AP2WF Datasheet
290Kb / 5P
225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
April 2019 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com