Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D18AP2WF Datasheet(PDF) 5 Page - Diodes Incorporated

Part # D18AP2WF
Description  225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D18AP2WF Datasheet(HTML) 5 Page - Diodes Incorporated

  D18AP2WF Datasheet HTML 1Page - Diodes Incorporated D18AP2WF Datasheet HTML 2Page - Diodes Incorporated D18AP2WF Datasheet HTML 3Page - Diodes Incorporated D18AP2WF Datasheet HTML 4Page - Diodes Incorporated D18AP2WF Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
D18AP2WF
Document number: DS43849 Rev. 1 - 2
5 of 5
www.diodes.com
July 2021
© Diodes Incorporated
D18AP2WF
IMPORTANT NOTICE
1.
DIODES INCORPORATED AND ITS SUBSIDIARIES (“DIODES”) MAKE NO WARRANTY OF ANY KIND, EXPRESS OR IMPLIED,
WITH REGARDS TO ANY INFORMATION CONTAINED IN THIS DOCUMENT, INCLUDING, BUT NOT LIMITED TO, THE IMPLIED
WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE OR NON-INFRINGEMENT OF THIRD PARTY
INTELLECTUAL PROPERTY RIGHTS (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION).
2.
The Information contained herein is for informational purpose only and is provided only to illustrate the operation of Diodes products
described herein and application examples. Diodes does not assume any liability arising out of the application or use of this document or any
product described herein. This document is intended for skilled and technically trained engineering customers and users who design with Diodes
products. Diodes products may be used to facilitate safety-related applications; however, in all instances customers and users are responsible for
(a) selecting the appropriate Diodes products for their applications, (b) evaluating the suitability of the Diodes products for their intended
applications, (c) ensuring their applications, which incorporate Diodes products, comply the applicable legal and regulatory requirements as well
as safety and functional-safety related standards, and (d) ensuring they design with appropriate safeguards (including testing, validation, quality
control techniques, redundancy, malfunction prevention, and appropriate treatment for aging degradation) to minimize the risks associated with
their applications.
3.
Diodes assumes no liability for any application-related information, support, assistance or feedback that may be provided by Diodes
from time to time. Any customer or user of this document or products described herein will assume all risks and liabilities associated with such
use, and will hold Diodes and all companies whose products are represented herein or on Diodes’ websites, harmless against all damages and
liabilities.
4.
Products described herein may be covered by one or more United States, international or foreign patents and pending patent
applications. Product names and markings noted herein may also be covered by one or more United States, international or foreign trademarks
and trademark applications. Diodes does not convey any license under any of its intellectual property rights or the rights of any third parties
(including third parties whose products and services may be described in this document or on Diodes’ website) under this document.
5.
Diodes
p
roducts
are
provided
subject
to
Diodes’
Standard
Terms
and
Conditions
of
Sale
(https://www.diodes.com/about/company/terms-and-conditions/terms-and-conditions-of-sales/) or other applicable terms. This document does not
alter or expand the applicable warranties provided by Diodes. Diodes does not warrant or accept any liability whatsoever in respect of any
products purchased through unauthorized sales channel.
6.
Diodes products and technology may not be used for or incorporated into any products or systems whose manufacture, use or sale is
prohibited under any applicable laws and regulations. Should customers or users use Diodes products in contravention of any applicable laws or
regulations, or for any unintended or unauthorized application, customers and users will (a) be solely responsible for any damages, losses or
penalties arising in connection therewith or as a result thereof, and (b) indemnify and hold Diodes and its representatives and agents harmless
against any and all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim relating to any noncompliance with
the applicable laws and regulations, as well as any unintended or unauthorized application.
7.
While efforts have been made to ensure the information contained in this document is accurate, complete and current, it may contain
technical inaccuracies, omissions and typographical errors. Diodes does not warrant that information contained in this document is error-free and
Diodes is under no obligation to update or otherwise correct this information. Notwithstanding the foregoing, Diodes reserves the right to make
modifications, enhancements, improvements, corrections or other changes without further notice to this document and any product described
herein. This document is written in English but may be translated into multiple languages for reference. Only the English version of this document
is the final and determinative format released by Diodes.
8.
Any unauthorized copying, modification, distribution, transmission, display or other use of this document (or any portion hereof) is
prohibited. Diodes assumes no responsibility for any losses incurred by the customers or users or any third parties arising from any such
unauthorized use.
Copyright © 2021 Diodes Incorporated
www.diodes.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com