Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3756 Datasheet(PDF) 16 Page - Analog Devices

Part # LT3756
Description  60VIN/120VOUT Dual LED Controller with Exponential PWM and Scalable Dimming
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3756 Datasheet(HTML) 16 Page - Analog Devices

Back Button LT3756 Datasheet HTML 12Page - Analog Devices LT3756 Datasheet HTML 13Page - Analog Devices LT3756 Datasheet HTML 14Page - Analog Devices LT3756 Datasheet HTML 15Page - Analog Devices LT3756 Datasheet HTML 16Page - Analog Devices LT3756 Datasheet HTML 17Page - Analog Devices LT3756 Datasheet HTML 18Page - Analog Devices LT3756 Datasheet HTML 19Page - Analog Devices LT3756 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
LT8355-1
16
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
at start-up or after faults, when the output is still low.
During start-up, or when restarting after faults, switching
frequency will drop to around 20% of its nominal value,
and step-up over the duration of around 256 times the
nominal switching period. For more information about
this, see the Soft-Start section.
The internal dimming PWM generator clock runs at
approximately fSW1/1000. Spread spectrum frequency
modulation for the switch clock does not affect the PWM
generator clock, which continues to run at fSW1(MIN)/1000.
Pulse Width Modulation (PWM) Dimming
Pulse width modulation (PWM) allows high dynamic
range dimming of the LED load. When using PWM dim-
ming, a pulse train with duty ratio proportional to desired
LED current controls the load. During ON periods, the
part operates normally. During OFF periods the part stops
switching. While the part is not switching, the compen-
sation node is high impedance to minimize changes to
the compensation capacitor voltage. This reduces tran-
sient settling time when the next ON period arrives. In
addition to this, the LT8355-1 provides an optional load
disconnect. Disconnecting the load makes turn-off much
faster, as the output capacitor does not continue to con-
duct current into the load. Transient settling time is also
shorter when turning back ON, as the output capacitor’s
state is less affected by the load. To use the external load
disconnect, tie a PMOS in series with the load such that
the source of the PMOS connects to the ISN node, and
the drain to the LED load. Connect the gate of the PMOS
to the PWMTG pin. The voltage at the PWMTG pin will
vary between VISP and VISP – 8.5V (typical) to turn the
PMOS off and on. Note that this configuration works for
any of the supported power stage topologies. For more
information on power stage topologies, see the Typical
Applications section.
The PWM1,2 pins allow two modes of PWM dimming.
The first mode is external PWM. In this mode, a digital
signal created by some other device, such as a micro-
processor, drives the PWM1,2 pins. This PWM signal
directly controls the part: when this signal is high, the
corresponding channel runs, when this signal is low, the
corresponding channel does not run, and disconnects
Figure 4. PWM Duty vs PWM1,2 Pin Voltages
the load if an external PMOS is used. Tying the PWM1,2
pins to INTVCC or VREF results in continuous, uninter-
rupted operation. Conversely, tying the PWM1,2 pins to
ground results in the system remaining idle indefinitely.
External PWM dimming can support ON periods shorter
than 500ns, allowing a PWM dimming dynamic range of
20,000:1 at 100Hz. Careful design of the wiring, includ-
ing short cabling to reduce parasitic inductance, to the
LED load improves turn on speed and regulation accu-
racy for brief (<1µs), high current (>0.5A) pulses. While
sub-microsecond PWM dimming ON times are supported
by LT8355-1, very brief OFF times (<0.3µs) are not sup-
ported. This means that negative going glitches on the
CTRL1,2; IADJ2; and PWM1,2 pins should be avoided.
High dynamic range PWM dimming can produce a single
pulse of LED current lasting longer than a single nominal
PWM on time which may be perceived as a flash. The
second mode of PWM dimming is internal.
When using internal PWM dimming, the analog voltages
at the PWM1,2 pins control the duty ratio of the PWMTG
signal. The voltage range for internal PWM dimming is
from 0.5V to 1.5V at the PWM1,2 pins. The internal PWM
generator converts the voltages at the PWM1,2 pins to
a 7-bit digital representation. The analog-to-digital con-
verter responsible for this uses a linear scale, each code
is around 7.8mV wide. Each 7-bit code corresponds to
a unique duty ratio value. The values of duty ratio are
separated exponentially. Refer to Figure 4 for a graphical
representation of this relationship and Table 2 for recom-
mended PWM voltage for selected PWM Duties.
PWM1,2 PIN VOLTAGE (V)
0.50
0.75
1
1.25
1.50
1.75
2
0.5
1
10
100
8355-1 F04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com