Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3756 Datasheet(PDF) 20 Page - Analog Devices

Part # LT3756
Description  60VIN/120VOUT Dual LED Controller with Exponential PWM and Scalable Dimming
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3756 Datasheet(HTML) 20 Page - Analog Devices

Back Button LT3756 Datasheet HTML 16Page - Analog Devices LT3756 Datasheet HTML 17Page - Analog Devices LT3756 Datasheet HTML 18Page - Analog Devices LT3756 Datasheet HTML 19Page - Analog Devices LT3756 Datasheet HTML 20Page - Analog Devices LT3756 Datasheet HTML 21Page - Analog Devices LT3756 Datasheet HTML 22Page - Analog Devices LT3756 Datasheet HTML 23Page - Analog Devices LT3756 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
LT8355-1
20
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
NMOS switch and Schottky rectifier. The gate-source volt-
age rating should be higher than 12V. The drain current
rating should be sufficient to conduct the full programmed
LED current with some margin. Ensure that the PWMTG
drive voltage of 8.5V will fully enhance the PMOS device.
Be careful when selecting a PMOS to consider the effect
that higher current ratings have on gate charge (Qg). A
very high Qg PMOS will slow turn-on and turn-off times
and can lead to offsets for very brief on-time PWM dim-
ming (shorter than 500ns). A clamping diode might be
necessary near PMOS’s drain to prevent the drain ringing
well below ground when being shorted to ground through
a long cable.
Power NMOS Selection
Choose an external NMOS switch with breakdown volt-
age higher than the programmed output voltage by at
least 20%. Select the forward current rating based on
the load requirements and maximum current through the
switch. Be sure to set the programmable switch current
limit lower than the maximum rated forward current of
the switch. Like the power PMOS, the gate charge of the
external NMOS can impact performance. Very low Qg
MOSFETs (<1nC) can turn on quickly, potentially nega-
tively impacting EMI performance. Conversely, very high
Qg MOSFETs (>100nC) can draw excessive current from
the part’s internal LDO regulator at higher switching
frequencies.
Sense Resistors Selection
Select the LED and switch current sense resistors for
power dissipation limits and PCB footprint convenience.
The control loop will limit the steady state voltage dropped
across the LED current sense resistor to 250mV (typical)
and the switch current sense resistor to 100mV (typical).
Large footprint resistors such as 2010 may be needed
for high power applications. Be sure to Kelvin all sense
resistors connections to the LT8355-1.
LED Fault Events
LT8355-1 provides a variety of fault detection to mitigate
damage to external components. While LT8355-1 has
many self-protection features, three LED types of faults
(LED Short, Overvoltage and LED Overcurrent) will cause
the part to immediately stop switching and, if an exter-
nal PMOS is used according to instructions in the PWM
Dimming section, disconnect the load from the output
capacitor.
The LED overcurrent fault detection uses the LED current
sense resistor RILED. If the voltage drop across the sense
resistor is greater than 670mV (typical), an internal fault
signal gets asserted. The LED Short fault senses load volt-
age. This can allow the detection of limited failures, such
as one or two of the LEDs in a string becoming shorted.
LT8355-1 senses the voltage at the FB pin and detects a
LED Short fault if that voltage falls below 300mV (typical,
excluding during start-up). It is important to note that the
FB resistor divider must be in place to use the LED Short
fault detection. After a successful start up, LT8355-1 can
regulate VISP-ISN to any setting provided that FB pin volt-
age stays above LED Short threshold. The Overvoltage
fault occurs when the voltage at the FB pin exceeds 1.26V
(typical). The FB resistor divider must be in place to take
advantage of the over voltage fault protection. LT8355-1
clears faults and resumes switching depending on the
type of fault. Switching resumes as soon as an overvolt-
age fault has cleared.
Recovery from Short LED and LED Overcurrent faults will
enter soft-start as if it had just been turned on via the EN/
UVLO pin. Upon successful completion of the soft-start
process with no faults, the internal fault clears and normal
operation resumes. The PWM dimming logic falling edge
is ignored for both internal and external PWM until soft-
start is complete or the control loop approaches steady
state. Table 4 summarizes operating conditions that can
trigger a fault, and/or turn off switching at the PWMTG1,2
and GATE1,2 pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com