Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3756 Datasheet(PDF) 19 Page - Analog Devices

Part # LT3756
Description  60VIN/120VOUT Dual LED Controller with Exponential PWM and Scalable Dimming
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3756 Datasheet(HTML) 19 Page - Analog Devices

Back Button LT3756 Datasheet HTML 15Page - Analog Devices LT3756 Datasheet HTML 16Page - Analog Devices LT3756 Datasheet HTML 17Page - Analog Devices LT3756 Datasheet HTML 18Page - Analog Devices LT3756 Datasheet HTML 19Page - Analog Devices LT3756 Datasheet HTML 20Page - Analog Devices LT3756 Datasheet HTML 21Page - Analog Devices LT3756 Datasheet HTML 22Page - Analog Devices LT3756 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
LT8355-1
19
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
For a boost converter switching at 200kHz, a 10µF input
capacitor will often be sufficient. In the buck mode con-
figuration, the input capacitor has large pulsed currents
due to the current returned through the Schottky diode
when the switch is off. The minimum input capacitance
can be estimated as:
CIN(BUCK) =
ILED
ΔVIN • fSW
(9)
For the buck case at 2MHz, a 10µF input capacitor would
be appropriate to ensure less than 100mV of input volt-
age ripple with ILED = 1.5A. Additional margin is recom-
mended. In the buck converter case, it is important to
place the capacitor as close as possible to the Schottky
diode, external NMOS switch and the sense resistor. It is
also important to consider the ripple current rating of the
capacitor. For best reliability, this capacitor should have
low ESR and ESL and have an adequate ripple current rat-
ing. Use Equation 10 to estimate the RMS input capacitor
current for the buck converter case.
ICIN(RMS,BUCK) = ILED •
VLED
VIN
1–
VLED
VIN
⎛
⎝⎜
⎞
⎠⎟
(10)
The selection of the output capacitor depends on load and
power stage configuration. For example, a boost or buck-
boost mode converter will require a much larger output
capacitor than a buck mode converter for the same condi-
tions. The boost and buck-boost mode configurations will
also require similar low ESR and low ESL capacitors like
the input capacitor of the buck mode case. Capacitor val-
ues will increase proportionally with decreasing switch-
ing frequency for the same ripple voltage. The equivalent
resistance presented by an LED load is frequently low, so
larger capacitors may be needed to further reduce voltage
ripple. It is likely that the appropriate output capacitor
value will fall between 10µF and 47µF. Use the exam-
ple applications as a starting point for output capacitor
selection.
Schottky Rectifier Selection
Choose a Schottky diode with reverse breakdown voltage
greater than the maximum programmed output voltage
and a current rating greater than the peak inductor cur-
rent. Be sure to set the programmable switch current limit
lower than the maximum forward current of the Schottky
rectifier chosen. It is best to find a rectifier with low equiv-
alent capacitance, around or below 500pF. Pay attention
to reverse leakage current if the part is to be used in low
frequency PWM dimming situations. The reverse leakage
current can discharge the output capacitor. This can lead
to lengthy turn-on transient effects that degrade maxi-
mum PWM dimming dynamic range. Not all applications
will require the combination of high reverse voltage and
forward current of this rectifier.
Inductor Selection
Select an inductor for use with LT8355-1 that has a satu-
ration current greater than the switch current limit set by
the switch current sense resistor as 0.1V/RSENSE. Include
some margin for the saturation current. Choose the induc-
tor value based on desired ripple current given input and
output voltage and switching frequency. Use Equation 11
to select an inductor with around 20% ripple.
LBOOST, BUCK-BOOST =
RSENSE • VIN
0.02V • fSW
1–
VIN
VISP
⎛
⎝⎜
⎞
⎠⎟
LBUCK =
RSENSE • VLED
0.02V • fSW
1–
VLED
VIN
⎛
⎝⎜
⎞
⎠⎟
(11)
For boost configurations, VISP = VLED; and for buck-boost
mode, VISP = VLED + VIN.
Table 3 provides some recommended inductor vendors.
Table 3. Recommended Inductor Vendors
VENDOR
WEB
Sumida
www.sumida.com
Wurth Elektronik
www.we-online.com
Coiltronics
www.cooperet.com
Vishay
www.vishay.com
Coilcraft
www.coilcraft.com
Power PMOS Selection
For the PMOS to be used with PWMTG, select a device
with drain-source voltage rating higher than the external



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com