Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3207TL Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3207TL
Description  650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers with Integrated Vref LDO
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3207TL Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM3207TL Datasheet HTML 1Page - National Semiconductor (TI) LM3207TL Datasheet HTML 2Page - National Semiconductor (TI) LM3207TL Datasheet HTML 3Page - National Semiconductor (TI) LM3207TL Datasheet HTML 4Page - National Semiconductor (TI) LM3207TL Datasheet HTML 5Page - National Semiconductor (TI) LM3207TL Datasheet HTML 6Page - National Semiconductor (TI) LM3207TL Datasheet HTML 7Page - National Semiconductor (TI) LM3207TL Datasheet HTML 8Page - National Semiconductor (TI) LM3207TL Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Electrical Characteristics (Notes 2, 6, 7) Limits in standard typeface are for T
A =TJ = 25˚C. Limits in
boldface type apply over the full operating ambient temperature range (−30˚C
≤ T
A =TJ
≤ +85˚C). Unless otherwise noted, all
specifications apply to LM3207 with: PV
IN =VIN =ENLDO = EN = 3.6V. (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
I
PIN,EN
PWM Pin pull down current
5
10
µA
Gain
V
CON to VOUT Gain
0.32V
≤ V
CON
≤ 1.44V
2.5
V/V
I
CON
V
CON pin leakage current
V
CON = 1.0V
±1
µA
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com