Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3207TL Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3207TL
Description  650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers with Integrated Vref LDO
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3207TL Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM3207TL Datasheet HTML 2Page - National Semiconductor (TI) LM3207TL Datasheet HTML 3Page - National Semiconductor (TI) LM3207TL Datasheet HTML 4Page - National Semiconductor (TI) LM3207TL Datasheet HTML 5Page - National Semiconductor (TI) LM3207TL Datasheet HTML 6Page - National Semiconductor (TI) LM3207TL Datasheet HTML 7Page - National Semiconductor (TI) LM3207TL Datasheet HTML 8Page - National Semiconductor (TI) LM3207TL Datasheet HTML 9Page - National Semiconductor (TI) LM3207TL Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Note 5: Junction-to-ambient thermal resistance (
θJA) is taken from thermal measurements, performed under the conditions and guidelines set forth in the JEDEC
standard JESD51-7.
Note 6: Min and Max limits are guaranteed by design, test, or statistical analysis. Typical numbers are not guaranteed, but do represent the most likely norm. Due
to the pulsed nature of the testing TA =TJ for the electrical characteristics table.
Note 7: The parameters in the electrical characteristics table are tested under open loop conditions at PVIN = 3.6V. For performance over the input voltage range
and closed loop results refer to the datasheet curves.
Note 8: Shutdown current includes leakage current of PFET.
Note 9: IQ specified here is when the part is operating at 100% duty cycle.
Note 10: Current limit is built-in, fixed, and not adjustable. Refer to datasheet curves for closed loop data and its variation with regards to supply voltage and
temperature. Electrical Characteristic table reflects open loop data (FB = 0V and current drawn from SW pin ramped up until cycle by cycle limit is activated). Closed
loop current limit is the peak inductor current measured in the application circuit by increasing output current until output voltage drops by 10%.
Note 11: Ripple voltage should measured at COUT electrode on good layout PC board and under condition using suggested inductors and capacitors.
Note 12: Transient Pull-up current (IPUT) and Transient Pull-down Current (IPDT) will be tested which are inversely proportional to charge and discharge times tLDO,
ON
and tLDO, OFF respectively.
Note 13: Dropout voltage is the voltage difference between the input and the output at which the output voltage drops to 100 mV below its nominal value.
Typical Performance Characteristics (Circuit in Figure 3, See Operation Description Section),
PV
IN = EN = 3.6V, L = 3.0µH, (DCR = 0.12
Ω, FDK MIPW3226D3R0M); C
IN = 10µF, (6.3V, 0805, TDK C2012X5R0J106K);
C
OUT = 4.7µF, (6.3V, 0603, TDK C1608X5R0J475M), CLDO = 100nF, 10V, (0402, TDK C1005X5R1A104KT) (or 220nF,
(6.3V, 0402, TDK C1005X5R0J224KT)) can be used. T
A = 25˚C unless otherwise specified.
LDO Typical Performance Curves
LDO Voltage vs Load Current
(C
LDO = 100nF)
LDO Dropout Voltage vs Load Current
(C
LDO = 100nF), (Note 13)
20165378
20165330
LDO Short Circuit Current vs Voltage
(V
IN = 3.0V, CLDO = 100nF)
LDO Output Noise Density
(I
LOAD = 1mA, CLDO = 100nF and 220nF)
20165360
20165380
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com