Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3207TL Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3207TL
Description  650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers with Integrated Vref LDO
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3207TL Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3207TL Datasheet HTML 1Page - National Semiconductor (TI) LM3207TL Datasheet HTML 2Page - National Semiconductor (TI) LM3207TL Datasheet HTML 3Page - National Semiconductor (TI) LM3207TL Datasheet HTML 4Page - National Semiconductor (TI) LM3207TL Datasheet HTML 5Page - National Semiconductor (TI) LM3207TL Datasheet HTML 6Page - National Semiconductor (TI) LM3207TL Datasheet HTML 7Page - National Semiconductor (TI) LM3207TL Datasheet HTML 8Page - National Semiconductor (TI) LM3207TL Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
LM3207
650mA Miniature, Adjustable, Step-Down DC-DC
Converter for RF Power Amplifiers with Integrated Vref
LDO
General Description
The LM3207 is a DC-DC converter optimized for powering
WCDMA / CDMA RF power amplifiers (PAs) from a single
Lithium-Ion cell; however they may be used in many other
applications. It steps down an input voltage from 2.7V to
5.5V to a variable output voltage from 0.8V(typ.) to
3.6V(typ.). Output voltage is set using a V
CON analog input
for controlling power levels and efficiency of the RF PA.
The LM3207 also provides a regulated reference voltage(V-
ref) required by linear RF power amplifiers through an inte-
grated LDO with a nominal output voltage of 2.875V and
maximum Iref of 10 mA.
The LM3207 is available in a 9-pin lead free micro SMD
package. High switching frequency (2MHz) allows use of
surface-mount
components.
Only
four
small
external
surface-mount components are required, an inductor and
three ceramic capacitors.
Features
n
2MHz (typ.) PWM Switching Frequency
n
Operates from a single Li-Ion cell (2.7V to 5.5V)
n
Variable Output Voltage (0.8V to 3.6V)
n
650mA Maximum load capability
n
High Efficiency (95% Typ at 3.9V
IN, 3.4VOUT at 400mA)
from internal synchronous rectification
n
Integrated 2.875V Vref LDO
n
Regulated LDO Output up to 10mA max
n
Fast 3uS Vref LDO On/Off Time
n
9-pin micro SMD Package
n
Current Overload Protection
n
Thermal Overload Protection
Applications
n
Cellular Phones
n
Hand-Held Radios
n
RF PC Cards
n
Battery Powered RF Devices
Typical Application
20165301
FIGURE 1. LM3207 Typical Application
August 2006
© 2006 National Semiconductor Corporation
DS201653
www.national.com


Similar Part No. - LM3207TL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3207TL NSC-LM3207TL Datasheet
1Mb / 24P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers with Integrated Vref LDO
LM3207TL-2.53 NSC-LM3207TL-2.53 Datasheet
1Mb / 24P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers with Integrated Vref LDO
LM3207TLX NSC-LM3207TLX Datasheet
1Mb / 24P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers with Integrated Vref LDO
LM3207TLX-2.53 NSC-LM3207TLX-2.53 Datasheet
1Mb / 24P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers with Integrated Vref LDO
More results

Similar Description - LM3207TL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3202 NSC-LM3202 Datasheet
1Mb / 15P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 NSC-LM3205 Datasheet
1Mb / 18P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3208 NSC-LM3208 Datasheet
1Mb / 17P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3202 NSC-LM3202_06 Datasheet
3Mb / 16P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 NSC-LM3205_09 Datasheet
1Mb / 18P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3207 NSC-LM3207_07 Datasheet
1Mb / 24P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers with Integrated Vref LDO
logo
Texas Instruments
LM3205 TI1-LM3205 Datasheet
1Mb / 24P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 TI-LM3205_15 Datasheet
1Mb / 28P
LM3205 650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3208 TI-LM3208_15 Datasheet
3Mb / 25P
LM3208 650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Global Mixed-mode Techn...
G5302 GMT-G5302 Datasheet
77Kb / 1P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com