Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NV021AMLF Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # NV021AMLF
Description  Femtoclocks™ Crystal-to-3.3V LVPECL Clock Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NV021AMLF Datasheet(HTML) 3 Page - Renesas Technology Corp

  NV021AMLF Datasheet HTML 1Page - Renesas Technology Corp NV021AMLF Datasheet HTML 2Page - Renesas Technology Corp NV021AMLF Datasheet HTML 3Page - Renesas Technology Corp NV021AMLF Datasheet HTML 4Page - Renesas Technology Corp NV021AMLF Datasheet HTML 5Page - Renesas Technology Corp NV021AMLF Datasheet HTML 6Page - Renesas Technology Corp NV021AMLF Datasheet HTML 7Page - Renesas Technology Corp NV021AMLF Datasheet HTML 8Page - Renesas Technology Corp NV021AMLF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
NV021 Data Sheet
©2016 Integrated Device Technology, Inc
Revision B January 26, 2016
3
TABLE 3A. POWER SUPPLY DC CHARACTERISTICS, V
CC = VCCA = 3.3V±5%, T
A
= -30°C TO 85°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
V
CC
Core Supply Voltage
3.135
3.3
3.465
V
V
CCA
Analog Supply Voltage
3.135
3.3
3.465
V
I
EE
Power Supply Current
90
mA
TABLE 3B. LVPECL DC CHARACTERISTICS, V
CC = VCCA = 3.3V±5%, T
A
= -30°C TO 85°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
V
OH
Output High Voltage; NOTE 1
V
CC - 1.4
V
CC - 0.9
V
V
OL
Output Low Voltage; NOTE 1
V
CC - 2.0
V
CC - 1.7
V
V
SWING
Peak-to-Peak Output Voltage Swing
0.6
1.0
V
NOTE 1: Outputs terminated with 50
Ω to V
CC - 2V.
TABLE 5. AC CHARACTERISTICS, V
CC = VCCA = 3.3V±5%, T
A
= -30°C TO 85°C
TABLE 4. CRYSTAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, V
CC
4.6V
Inputs, V
I
-0.5V to V
CC + 0.5V
Outputs, I
O
Continuous Current
50mA
Surge Current
100mA
Package Thermal Impedance,
θ
JA
8 Lead SOIC
112.7°C/W (0 lfpm)
8 Lead TSSOP
101.7°C/W (0 mps)
Storage Temperature, T
STG
-65°C to 150°C
NOTE: Stresses beyond those listed under Absolute
Maximum Ratings may cause permanent damage to the
device.These ratings are stress specifications only. Functional
operation of product at these conditions or any conditions
beyond those listed in the DC Characteristics or AC Charac-
teristics is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect product reliability.
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
Mode of Oscillation
Fundamental
Frequency
23.33
28.33
MHz
Equivalent Series Resistance (ESR)
50
Ω
Shunt Capacitance
7pF
Drive Level
1mW
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
F
OUT
Output Frequency
93.33
113.33
MHz
tjit(Ø)
RMS Phase Jitter (Random);
NOTE 1
98.304MHz;
Integration Range: 12kHz - 20MHz
<1
ps
100MHz;
Integration Range: 637kHz - 10MHz
<1
ps
106.25MHz;
Integration Range: 637kHz - 5MHz
<1
ps
t
R / tF
Output Rise/Fall Time
20% to 80%
300
600
ps
odc
Output Duty Cycle
48
52
%
NOTE 1: Please refer to the Phase Noise Plot.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com