Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NV021AMLF Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # NV021AMLF
Description  Femtoclocks™ Crystal-to-3.3V LVPECL Clock Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NV021AMLF Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button NV021AMLF Datasheet HTML 7Page - Renesas Technology Corp NV021AMLF Datasheet HTML 8Page - Renesas Technology Corp NV021AMLF Datasheet HTML 9Page - Renesas Technology Corp NV021AMLF Datasheet HTML 10Page - Renesas Technology Corp NV021AMLF Datasheet HTML 11Page - Renesas Technology Corp NV021AMLF Datasheet HTML 12Page - Renesas Technology Corp NV021AMLF Datasheet HTML 13Page - Renesas Technology Corp NV021AMLF Datasheet HTML 14Page - Renesas Technology Corp NV021AMLF Datasheet HTML 15Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
NV021 Data Sheet
©2016 Integrated Device Technology, Inc
Revision B January 26, 2016
13
REVISION HISTORY SHEET
Rev
Table
Page
Description of Change
Date
BT4
T5
1
3
3
7
Features section and Frequency Table - added 98.304MHz and 106.25MHz
output frequencies, and added 24.576MHz and 26.5625MHz crystal frequencies.
Crystal Characteristics - added Drive Level.
AC Characteristics - added 98.304MHz and 106.25MHz to RMS Phase Jitter.
Added Recommendations for Unused Input and Output Pins.
7/26/05
B
T8
1
12
Updated datasheet format to IDT.
Removed TSSOP package information.
Table 8, Ordering Information - removed leaded and TSSOP devices.
4/2/14
B
T8
1
12
Removed reference to leaded package.
Ordering Information - removed quantity from tape and reel. Deleted LF note
below the table.
Updated header and footer.
1/26/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com