Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NV021AMLF Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # NV021AMLF
Description  Femtoclocks™ Crystal-to-3.3V LVPECL Clock Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NV021AMLF Datasheet(HTML) 1 Page - Renesas Technology Corp

  NV021AMLF Datasheet HTML 1Page - Renesas Technology Corp NV021AMLF Datasheet HTML 2Page - Renesas Technology Corp NV021AMLF Datasheet HTML 3Page - Renesas Technology Corp NV021AMLF Datasheet HTML 4Page - Renesas Technology Corp NV021AMLF Datasheet HTML 5Page - Renesas Technology Corp NV021AMLF Datasheet HTML 6Page - Renesas Technology Corp NV021AMLF Datasheet HTML 7Page - Renesas Technology Corp NV021AMLF Datasheet HTML 8Page - Renesas Technology Corp NV021AMLF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Femtoclocks™ Crystal-to-3.3V LVPECL
Clock Generator
NV021
Data Sheet
©2016 Integrated Device Technology, Inc
Revision B January 26, 2016
1
GENERAL DESCRIPTION
The NV021 is a Fibre Channel Clock Generator and a member
of the family of high performance devices from IDT. The NV021
can synthesize 98.304MHz, 100MHz, and 106.25MHz from a
24.576MHz, 25MHz, and 26.5625MHz crystals respectively.
The NV021 is packaged in a small 8-pin SOIC, making it ideal
for use in systems with limited board space.
FEATURES
• 1 differential 3.3V LVPECL output
• Crystal frequency range: 23.33MHz - 28.33MHz
• Output frequencies: 98.304MHz, 100MHz. 106.25MHz
• VCO range: 560MHz - 680MHz
• Low RMS phase jitter
• 3.3V operating supply
• Available in RoHS/Lead-Free compliant package
• -30°C to 85°C ambient operating temperature
FREQUENCY TABLE
NV021
8-Lead SOIC
3.90mm x 4.90mm x 1.37mm
package body
M Package
Top View
BLOCK DIAGRAM
PIN ASSIGNMENT
VCCA
VEE
XTAL_OUT
XTAL_IN
1
2
3
4
VCC
Q0
nQ0
nc
8
7
6
5
Crystal (MHz)
Output Frequency (MHz)
24.576
98.304
25
100
26.5625
106.25


Similar Part No. - NV021AMLF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
NV021AMLF IDT-NV021AMLF Datasheet
164Kb / 14P
Femtoclocks Crystal-to-3.3V LVPECL Clock Generator
NV021AMLFT IDT-NV021AMLFT Datasheet
164Kb / 14P
Femtoclocks Crystal-to-3.3V LVPECL Clock Generator
More results

Similar Description - NV021AMLF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843031 ICST-ICS843031 Datasheet
211Kb / 11P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
REV. A NOVEMBER 29, 2004
ICS843051 ICST-ICS843051 Datasheet
241Kb / 15P
FEMTOCLOCKS CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
REV. A DECEMBER 14, 2004
ICS843001BI ICST-ICS843001BI Datasheet
233Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
REV. A OCTOBER 6, 2005
ICS843251-04 ICST-ICS843251-04 Datasheet
145Kb / 10P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
REV. A SEPTEMBER 12, 2005
ICS843251I-12 ICST-ICS843251I-12 Datasheet
171Kb / 12P
FEMTOCLOCKS??CRYSTAL-TO-3.3V, 2.5V LVPECL CLOCK GENERATOR
REV. A JANUARY 10, 2006
ICS843021 ICST-ICS843021 Datasheet
189Kb / 13P
FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V LVPECL CLOCK GENERATOR
REV. C MARCH 31, 2005
ICS843252-04 ICST-ICS843252-04 Datasheet
161Kb / 12P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
REV. A JANUARY 25, 2006
logo
Integrated Device Techn...
ICS843241I-04 IDT-ICS843241I-04 Datasheet
283Kb / 14P
FEMTOCLOCKS??CRYSTAL-TO-3.3V, 2.5V LVPECL CLOCK GENERATOR
843031-01 IDT-843031-01 Datasheet
343Kb / 16P
FemtoClocks Crystal-to-3.3V, 2.5V LVPECL Clock Generator
NV021 IDT-NV021 Datasheet
164Kb / 14P
Femtoclocks Crystal-to-3.3V LVPECL Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com