Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB2240 Datasheet(PDF) 4 Page - VBsemi Electronics Co.,Ltd

Part # VB2240
Description  P-Channel 20-V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

VB2240 Datasheet(HTML) 4 Page - VBsemi Electronics Co.,Ltd

  VB2240 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd VB2240 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd VB2240 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd VB2240 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd VB2240 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd VB2240 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd VB2240 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd VB2240 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Source-Drain Diode Forward Voltage
Threshold Voltage
On-Resistance vs. Gate-to-Source Voltage
Drain Source Breakdown vs. Junction Temperature
Safe Operating Area
0.001
0.0
0.2
0.6
1.0
0.4
0.8
1.2
0.01
1
0.1
10
100
T
J = 150 °C
T
J = 25 °C
V
SD - Source-to-Drain Voltage (V)
- 0.2
- 50
- 25
25
75
125
0
50
100
150
175
- 0.1
0.1
0.0
0.2
0.3
0.4
T
J - Junction Temperature (°C)
I
D = 5 mA
I
D = 250 μA
0.00
01
3
24
5
0.20
0.15
0.10
0.05
0.25
VGS - Gate-to-Source Voltage (V)
T
J = 150 °C
T
J = 25 °C
-
26.0
- 50
- 25
25
75
125
0
50
100
175
150
-
25.5
-
24.5
-
24.0
-
25.0
-
23.5
-
23.0
T
J - Junction Temperature (°C)
I
D = 1 mA
0.01
0.01
0.1
1
100
20
0.1
1
10
V
DS - Drain-to-Source Voltage (V)
* V
GS > minimum VGS at which RDS(on) is specified
I
DM Limited
BVDSS Limited
T
C = 25 °C
Single Pulse
Limited by R
DS(on)*
1 ms
10 ms
1 s, 10 s, DC
100 ms
100 μs
VB2240
www.VBsemi.com
服务热线:400-655-8788



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com