Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB2240 Datasheet(PDF) 3 Page - VBsemi Electronics Co.,Ltd

Part # VB2240
Description  P-Channel 20-V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

VB2240 Datasheet(HTML) 3 Page - VBsemi Electronics Co.,Ltd

  VB2240 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd VB2240 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd VB2240 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd VB2240 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd VB2240 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd VB2240 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd VB2240 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd VB2240 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Output Characteristics
On-Resistance vs. Drain Current
Gate Charge
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
012345
2
4
6
8
10
20
V
DS - Drain-to-Source Voltage (V)
V
GS = 5 V thru 2 V
V
GS = 1 V
V
GS = 1.5 V
0.00
02468
10
12
0.03
0.06
0.09
0.15
0.12
I
D - Drain Current (A)
V
GS = 4.5 V
V
GS = 1.8 V
V
GS = 2.5 V
02468
10
12
Q
g - Total Gate Charge (nC)
0
1
2
3
4
5
6
V
DS = 6 V
I
D = 3.85 A
0
0
0.6
1.2
1.8
2.4
3.0
3
6
9
12
15
V
GS - Gate-to-Source Voltage (V)
T
C = 125 °C
T
C = - 55 °C
T
C = 25 °C
0
02468
10
12
200
400
600
800
1000
1200
V
DS - Drain-to-Source Voltage (V)
C
oss
C
rss
C
iss
0.6
- 50
- 25
25
75
125
0
50
100
150
175
0.8
1.2
1.0
1.4
1.6
T
J - Junction Temperature (°C)
I
D = 3.5 A
V
GS = 4.5 V
V
GS = 2.5 V
VB2240
www.VBsemi.com
服务热线:400-655-8788



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com