Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB2240 Datasheet(PDF) 2 Page - VBsemi Electronics Co.,Ltd

Part # VB2240
Description  P-Channel 20-V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

VB2240 Datasheet(HTML) 2 Page - VBsemi Electronics Co.,Ltd

  VB2240 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd VB2240 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd VB2240 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd VB2240 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd VB2240 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd VB2240 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd VB2240 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd VB2240 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Notes
a. Pulse test; pulse width
 300 μs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
c. Independent of operating temperature.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = - 250 μA
-
20
-
-
V
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 μA
- 0.45
-
- 1
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 8 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V
VDS = - 12 V
-
-
- 1
μA
VGS = 0 V
VDS = - 12 V, TJ = 125 °C
-
-
- 50
VGS = 0 V
VDS = - 12 V, TJ = 175 °C
-
-
- 150
On-State Drain Currenta
ID(on)
VGS = - 4.5 V
VDS- 5 V
- 10
-
-
A
Drain-Source On-State Resistancea
RDS(on)
VGS = - 4.5 V
ID = - 3.5 A
-
0.034
VGS = - 4.5 V
ID = - 3.5 A, TJ = 125 °C
-
-
0.066
VGS = - 4.5 V
ID = - 3.5 A, TJ = 175 °C
-
-
0.075
VGS = - 2.5 V
ID = - 3 A
-
0.046
VGS = - 1.8 V
ID = - 2 A
-
0.067
Forward Transconductanceb
gfs
VDS = - 5 V, ID = - 1.6 A
-
7
-
S
Dynamicb
Input Capacitance
Ciss
VGS = 0 V
VDS = - 6 V, f = 1 MHz
-
695
870
pF
Output Capacitance
Coss
-
265
335
Reverse Transfer Capacitance
Crss
-
190
240
Total Gate Chargec
Qg
VGS = - 4.5 V
VDS = - 6 V, ID = - 3.85 A
-8.4
13
nC
Gate-Source Chargec
Qgs
-1
-
Gate-Drain Chargec
Qgd
-2.4
-
Gate Resistance
Rg
f = 1 MHz
4.1
8.2
12.3
Turn-On Delay Timec
td(on)
VDD = - 6 V, RL = 1.6 
ID  - 3.85 A, VGEN = - 4.5 V, Rg = 1 
-17
26
ns
Rise Timec
tr
-19
29
Turn-Off Delay Timec
td(off)
-28
42
Fall Timec
tf
-13
20
Source-Drain Diode Ratings and Characteristicsb
Pulsed Currenta
ISM
--
- 20
A
Forward Voltage
VSD
IF = - 2 A, VGS = 0 V
-
- 0.8
- 1.2
V
VB2240
www.VBsemi.com
-
-
-
服务热线:400-655-8788



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com