Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK2201AI Datasheet(PDF) 5 Page - Texas Instruments

Part # TLK2201AI
Description  ETHERNET TRANSCEIVERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK2201AI Datasheet(HTML) 5 Page - Texas Instruments

  TLK2201AI Datasheet HTML 1Page - Texas Instruments TLK2201AI Datasheet HTML 2Page - Texas Instruments TLK2201AI Datasheet HTML 3Page - Texas Instruments TLK2201AI Datasheet HTML 4Page - Texas Instruments TLK2201AI Datasheet HTML 5Page - Texas Instruments TLK2201AI Datasheet HTML 6Page - Texas Instruments TLK2201AI Datasheet HTML 7Page - Texas Instruments TLK2201AI Datasheet HTML 8Page - Texas Instruments TLK2201AI Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
TLK2201A, TLK2201AI
ETHERNET TRANSCEIVERS
SLLS572 – JUNE 2003
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
receiver clock select mode (continued)
td(S)
td(S)
td(H)
td(H)
K28.5
DXX.X
DXX.X
DXX.X
K28.5
DXX.X
RBC0
RBC1
SYNC
RD(0–9)
Figure 2. Synchronous Timing Characteristics Waveforms (TBI half-rate mode)
In the normal-rate mode, only RBC0 is used and operates at full data rate (i.e., 1.25 Gbps data rate produces
a 125 MHz clock). The received data is output with respect to the rising edge of RBC0. RBC1 is low in this mode.
Refer to the timing diagram shown in Figure 3.
td(H)
td(S)
K28.5
DXX.X
DXX.X
DXX.X
K28.5
DXX.X
RBC0
SYNC
RD(0–9)
Figure 3. Synchronous Timing Characteristics Waveforms (TBI full-rate mode)
In the double data rate mode, the receiver presents the data on both the rising and falling edges of RBC0. RBC1
is low impedance. The data is clocked bit-0 first, and aligned to the rising edge of RBC0. Refer to the timing
diagram shown in Figure 4.
K28.5
DXX.X
td(S)
td(H)
td(S)
td(H)
K28.5
DXX.X
DXX.X
DXX.X
DXX.X
DXX.X
K28.5
K28.5
DXX.X
Bits 0–4 Bits 5–9
RBC0
SYNC
RD(0–4)
Figure 4. Synchronous Timing Characteristics Waveforms (DDR mode)
The receiver clock interpolator can lock to the incoming data without the need for a lock-to-reference preset.
The received serial data rate (RXP and RXN) is at the same baud rate as the transmitted data stream,
±0.02%
(200 PPM) for proper operation (see page 11).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com