Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK2201AI Datasheet(PDF) 18 Page - Texas Instruments

Part # TLK2201AI
Description  ETHERNET TRANSCEIVERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK2201AI Datasheet(HTML) 18 Page - Texas Instruments

Back Button TLK2201AI Datasheet HTML 13Page - Texas Instruments TLK2201AI Datasheet HTML 14Page - Texas Instruments TLK2201AI Datasheet HTML 15Page - Texas Instruments TLK2201AI Datasheet HTML 16Page - Texas Instruments TLK2201AI Datasheet HTML 17Page - Texas Instruments TLK2201AI Datasheet HTML 18Page - Texas Instruments TLK2201AI Datasheet HTML 19Page - Texas Instruments TLK2201AI Datasheet HTML 20Page - Texas Instruments TLK2201AI Datasheet HTML 21Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
TLK2201A, TLK2201AI
ETHERNET TRANSCEIVERS
SLLS572 – JUNE 2003
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MECHANICAL DATA
RCP (S-PQFP-G64)
PowerPAD
 PLASTIC QUAD FLATPACK
0,08
M
0,08
0,50
0,25
(See Note D)
Thermal Pad
Gage Plane
0,13 NOM
0
° – 7°
0,75
0,45
0,15
0,05
Seating Plane
4147711/A 10/98
0,27
33
0,17
16
SQ
48
9,80
1
10,20
7,50 TYP
49
64
SQ
0,85
0,75
11,80
12,20
1,00 MAX
17
32
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion.
D. The package thermal performance may be enhanced by bonding the thermal pad to an external thermal plane.
This pad is electrically and thermally connected to the backside of the die and possibly selected leads.
E. Falls within JEDEC MS-026
PowerPAD is a trademark of Texas Instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com