Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK2201AI Datasheet(PDF) 16 Page - Texas Instruments

Part # TLK2201AI
Description  ETHERNET TRANSCEIVERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK2201AI Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLK2201AI Datasheet HTML 12Page - Texas Instruments TLK2201AI Datasheet HTML 13Page - Texas Instruments TLK2201AI Datasheet HTML 14Page - Texas Instruments TLK2201AI Datasheet HTML 15Page - Texas Instruments TLK2201AI Datasheet HTML 16Page - Texas Instruments TLK2201AI Datasheet HTML 17Page - Texas Instruments TLK2201AI Datasheet HTML 18Page - Texas Instruments TLK2201AI Datasheet HTML 19Page - Texas Instruments TLK2201AI Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
TLK2201A, TLK2201AI
ETHERNET TRANSCEIVERS
SLLS572 – JUNE 2003
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
GND
GNDA
TESTEN
TD0–TD9
REFCLK
PRBSEN
17
22
16
SYNCEN
24
SYNC/PASS
47
10
10
RD0–RD9
2
RBC0–RBC1
ENABLE
28
TCK
49
JTMS
55
JTDI
48
JTRSTN
56
JTDO
27
LOS
26
RBCMODE
32
LOOPEN
19
MODESEL
15
Host
Protocol
Device
JTAG
Controller
VDD VDDA
2.5 V
VDDPLL
GNDPLL
5
Ω at 100 MHz
2.5 V
64
18
62
Controlled Impedance
Transmission Line
TXP
61
Controlled Impedance
Transmission Line
TXN
54
Controlled Impedance
Transmission Line
RXP
52
Controlled Impedance
Transmission Line
RXN
Rt
Rt
50
Ω
50
Ω
TLK2201A
TLK2201AI
0.01
µF
Figure 12. Typical Application Circuit (AC mode)
designing with PowerPAD
The TLK2201A and TLK2201AI are housed in a high performance, thermally enhanced, 64-pin VQFP (RCP64)
PowerPAD package. Use of the PowerPAD package does not require any special considerations except to note
that the PowerPAD, which is an exposed die pad on the bottom of the device, is a metallic thermal and electrical
conductor. Therefore, if not implementing PowerPAD PCB features, the use of solder masks (or other assembly
techniques) may be required to prevent any inadvertent shorting by the exposed PowerPAD of connection
etches or vias under the package. It is strongly recommended that the PowerPAD be soldered to the thermal
land. The recommended convention, however, is to not run any etches or signal vias under the device, but to
have only a grounded thermal land as explained below. Although the actual size of the exposed die pad may
vary, the minimum size required for the keepout area for the 64-pin PFP PowerPAD package is 8 mm
× 8 mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com