Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX8663JB-BC Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # NX8663JB-BC
Description  LASER DIODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NX8663JB-BC Datasheet(HTML) 3 Page - Renesas Technology Corp

  NX8663JB-BC Datasheet HTML 1Page - Renesas Technology Corp NX8663JB-BC Datasheet HTML 2Page - Renesas Technology Corp NX8663JB-BC Datasheet HTML 3Page - Renesas Technology Corp NX8663JB-BC Datasheet HTML 4Page - Renesas Technology Corp NX8663JB-BC Datasheet HTML 5Page - Renesas Technology Corp NX8663JB-BC Datasheet HTML 6Page - Renesas Technology Corp NX8663JB-BC Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NX8663JB-BC
R08DS0063EJ0100 Rev.1.00
Page 3 of 5
Jul 05, 2012
ORDERING INFORMATION
Part Number
Available Connector
NX8663JB-BC
With FC-UPC Connector
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Ratings
Unit
Pulsed Forward Current
*1
IFP
0.6
A
Reverse Voltage
VR
2.0
V
Cooler Current
IC
1.0
A
Cooler Voltage
VC
2.0
V
Operating Case Temperature
TC
−20 to +65
°C
Storage Temperature
Tstg
−40 to +85
°C
Lead Soldering Temperature
Tsld
260 (10 sec.)
°C
Note: *1 Pulse conditions: Pulse width (PW) = 10
μs, Duty = 1%
ELECTRO-OPTICAL CHARACTERISTICS
(TLD = 25°C, TC = −20 to +65°C, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Forward Voltage
VF
CW, IF = 30 mA
4.0
V
Threshold Current
Ith
CW
20
60
mA
Optical Output Power from Fiber
Pf
IFP = 450 mA, PW = 10 μs,
Duty = 1%
50
80
mW
Peak Emission Wavelength
λp
IFP = 450 mA, PW = 10 μs,
Duty = 1%
1 645
1 650
1 655
nm
ELECTRO-OPTICAL CHARACTERISTICS
(Applicable to Thermistor and TEC: TLD = 25°C, TC = −20 to +65°C, unless otherwise
specified)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Thermistor Resistance
R
TLD = 25°C
9.5
10.0
10.5
k
Ω
B Constant
B
3 350
3 450
3 550
K
Cooler Current
IC
ΔT*1 = 40°C
0.8
A
Cooler Voltage
VC
ΔT*1 = 40°C
1.5
V
Note: *1
ΔT = ⏐TC − TLD⏐



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com