Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX8663JB-BC Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # NX8663JB-BC
Description  LASER DIODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NX8663JB-BC Datasheet(HTML) 1 Page - Renesas Technology Corp

  NX8663JB-BC Datasheet HTML 1Page - Renesas Technology Corp NX8663JB-BC Datasheet HTML 2Page - Renesas Technology Corp NX8663JB-BC Datasheet HTML 3Page - Renesas Technology Corp NX8663JB-BC Datasheet HTML 4Page - Renesas Technology Corp NX8663JB-BC Datasheet HTML 5Page - Renesas Technology Corp NX8663JB-BC Datasheet HTML 6Page - Renesas Technology Corp NX8663JB-BC Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
R08DS0063EJ0100 Rev.1.00
Page 1 of 5
Jul 05, 2012
Data Sheet
NX8663JB-BC
LASER DIODE
1 650nm InGaAsP MQW-DFB DC-PBH PULSED LASER DIODE MODULE FOR OTDR APPLICATION
DESCRIPTION
The NX8663JB-BC is a 1 650 nm Multiple Quantum Well (MQW) structured Distributed Feed-Back (DFB) pulsed
laser diode DIP module with single mode fiber and internal thermoelectric cooler. It is designed for light sources of
Optical Time Domain Reflectometer (OTDR).
FEATURES
• Distributed Feed-Back (DFB) pulsed laser diode
• High output power
Pf = 80 mW TYP. @ IFP = 450 mA, PW = 10 μs, Duty = 1%
• Wavelength
λ
p = 1 650 nm TYP.
• Internal thermoelectric cooler, thermistor
• Hermetically sealed 14-pin Dual-In-Line Package
• Single mode fiber pigtail
R08DS0063EJ0100
Rev.1.00
Jul 05, 2012


Similar Part No. - NX8663JB-BC

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8663JB-BC CEL-NX8663JB-BC Datasheet
456Kb / 6P
LASER DIODE 1 650nm InGaAsP MQW-DFB DC-PBH PULSED LASER DIODE MODULE FOR OTDR APPLICATION
NX8663JB-BC-AZ CEL-NX8663JB-BC-AZ Datasheet
456Kb / 6P
LASER DIODE 1 650nm InGaAsP MQW-DFB DC-PBH PULSED LASER DIODE MODULE FOR OTDR APPLICATION
logo
Renesas Technology Corp
NX8663JB-BC RENESAS-NX8663JB-BC_15 Datasheet
113Kb / 7P
LASER DIODE 1 650nm InGaAsP MQW-DFB DC-PBH PULSED LASER DIODE MODULE FOR OTDR APPLICATION
More results

Similar Description - NX8663JB-BC

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NDVA416T NICHIA-NDVA416T Datasheet
185Kb / 3P
Laser Diode
NUB206E NICHIA-NUB206E_16 Datasheet
212Kb / 2P
Laser Diode
logo
Renesas Technology Corp
NDL7001L RENESAS-NDL7001L Datasheet
188Kb / 10P
LASER DIODE
1995
NDL7103 RENESAS-NDL7103 Datasheet
177Kb / 8P
LASER DIODE
1995
NDL7163 RENESAS-NDL7163 Datasheet
178Kb / 8P
LASER DIODE
1995
NDL7400P RENESAS-NDL7400P Datasheet
188Kb / 10P
LASER DIODE
1996
NDL7514P RENESAS-NDL7514P Datasheet
198Kb / 10P
LASER DIODE
1995
NDL7515P RENESAS-NDL7515P Datasheet
190Kb / 10P
LASER DIODE
1996
NDL7540PA RENESAS-NDL7540PA Datasheet
195Kb / 10P
LASER DIODE
1995
NDL7563P RENESAS-NDL7563P Datasheet
195Kb / 10P
LASER DIODE
1995
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com