Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX8663JB-BC Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # NX8663JB-BC
Description  LASER DIODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NX8663JB-BC Datasheet(HTML) 2 Page - Renesas Technology Corp

  NX8663JB-BC Datasheet HTML 1Page - Renesas Technology Corp NX8663JB-BC Datasheet HTML 2Page - Renesas Technology Corp NX8663JB-BC Datasheet HTML 3Page - Renesas Technology Corp NX8663JB-BC Datasheet HTML 4Page - Renesas Technology Corp NX8663JB-BC Datasheet HTML 5Page - Renesas Technology Corp NX8663JB-BC Datasheet HTML 6Page - Renesas Technology Corp NX8663JB-BC Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NX8663JB-BC
R08DS0063EJ0100 Rev.1.00
Page 2 of 5
Jul 05, 2012
PACKAGE DIMENSIONS (UNIT: mm)
Optical Fiber
SMF,
Length: 1 m MIN.
#8
#7
#1
#14
LD
–
+
BOTTOM VIEW
Thermistor
Case
1
2
3
4
5
6
7
Cooler Anode
NC
NC
NC
Laser Anode,
Case Ground
NC
NC
8
9
10
11
12
13
14
NC
Laser Cathode
Laser Anode,
Case Ground
Thermistor
Thermistor
NC
Cooler Cathode
Pin No.
Pin No.
PIN CONNECTIONS
Function
Function
1.0
20.8
21.3
4.0
3.2
5.1
2.54
0.45
3.0
OPTICAL FIBER CHARACTERISTICS
Parameter
Specification
Unit
Mode Field Diameter
9.3
± 0.5
μm
Cladding Diameter
125
±2
μm
Maximum Cladding Noncircularity
2
%
Maximum Core/Cladding Concentricity
1.6
%
Outer Diameter
0.9
±0.1
mm
Cut-off Wavelength
1 100 to 1 280
nm
Minimum Fiber Bending Radius
30
mm
Fiber Length
1 000 MIN.
mm
Flammability
UL1581 VW-1
FC-UPC Connector
Fiber Length: 1 000 mm MIN.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com