Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS321 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # BAS321
Description  General purpose diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS321 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  BAS321 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAS321 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS321 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS321 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS321 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS321 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS321 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS321 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS321 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
BAS321
General purpose diode
1 July 2022
Product data sheet
1. General description
General purpose diode fabricated in planar technology and encapsulated in a very small SOD323
(SC-76) plastic package.
2. Features and benefits
• Small plastic SMD package
• Switching speed: max. 50 ns
• General application
• Continuous reverse voltage: max. 200 V
• Repetitive peak reverse voltage: max. 250 V
• Repetitive peak forward current: max. 625 mA
3. Applications
• General purpose switching in surface mounted circuits
4. Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IF
forward current
[1]
-
-
250
mA
VR
reverse voltage
-
-
200
V
Ptot
total power dissipation Tamb = 25 °C
[1]
-
-
300
mW
VF
forward voltage
IF = 200 mA; Tj = 25 °C
-
-
1.25
V
[1] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard footprint.


Similar Part No. - BAS321

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS321 PHILIPS-BAS321 Datasheet
82Kb / 12P
General purpose diode
1999 Feb 09
BAS321 NXP-BAS321 Datasheet
125Kb / 9P
General purpose diode
2004 Jan 26
BAS321 NXP-BAS321 Datasheet
125Kb / 9P
BAS321 General purpose diode
2004 Jan 26
logo
Bruckewell Technology L...
BAS321 BWTECH-BAS321 Datasheet
414Kb / 3P
General Purpose Diode
logo
SHIKUES Electronics
BAS321 SKTECHNOLGY-BAS321 Datasheet
649Kb / 3P
Silicon Epitaxial Planar Diode
More results

Similar Description - BAS321

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS221 PHILIPS-BAS221 Datasheet
53Kb / 8P
General purpose diode
1999 May 07
BAS321 PHILIPS-BAS321 Datasheet
82Kb / 12P
General purpose diode
1999 Feb 09
BAX14 PHILIPS-BAX14 Datasheet
37Kb / 7P
General purpose diode
1996 Sep 17
BAX18 PHILIPS-BAX18 Datasheet
32Kb / 7P
General purpose diode
1996 Sep 18
BAY80 PHILIPS-BAY80 Datasheet
37Kb / 6P
General purpose diode
1996 Sep 18
BAP51-04W PHILIPS-BAP51-04W Datasheet
84Kb / 7P
GENERAL PURPOSE PIN DIODE
2002 Feb 19
BAS321 PHILIPS-BAS321_04 Datasheet
65Kb / 9P
General purpose diode
2004 Jan 26
BAS321 NXP-BAS321 Datasheet
125Kb / 9P
General purpose diode
2004 Jan 26
logo
Bruckewell Technology L...
BAS321 BWTECH-BAS321 Datasheet
414Kb / 3P
General Purpose Diode
logo
Nexperia B.V. All right...
BAS321-Q NEXPERIA-BAS321-Q Datasheet
202Kb / 10P
General purpose diode
2 June 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com