Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP431AC Datasheet(PDF) 4 Page - Seme LAB

Part # IP431AC
Description  PROGRAMMABLE PRECISION REFERENCE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP431AC Datasheet(HTML) 4 Page - Seme LAB

  IP431AC Datasheet HTML 1Page - Seme LAB IP431AC Datasheet HTML 2Page - Seme LAB IP431AC Datasheet HTML 3Page - Seme LAB IP431AC Datasheet HTML 4Page - Seme LAB IP431AC Datasheet HTML 5Page - Seme LAB IP431AC Datasheet HTML 6Page - Seme LAB IP431AC Datasheet HTML 7Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
IP431A Series
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 2/95
FIGURE 2
TEST CIRCUIT FOR VKA > VREF
FIGURE 3
TEST CIRCUIT FOR Ioff
FIGURE 1
TEST CIRCUIT FOR VKA = VREF
R1
|Zka| ≈ |Zka| 1+
R2
NOTE 1
The deviation parameter
∆V
REF is defined as the differences between
the maximum and minimum values obtained over the full operating
ambient temperature range that applies.
The average temperature coefficient of the reference input voltage,
∝V
REF is defined as:
∝V
REF can be positive or negative depending on whether ∝VREF Min
or
∝V
REF Max occurs at the lower ambient temperature.
REF
VMin
REF
V
Max
T1
T2
AMBIENT TEMPERATURE
∆V
REF
(
) x 106
ppm
VREF @ 25°C
∝V
REF =
=
°C
∆T
A
∆V
REF x 10
6
= ∆T
A (VREF @ 25°C)
Example:
∆V
REF = 8.0 mV and slope is positive,
VREF @ 25°C = 2.495V, ∆TA = 70°C
0.008 x 106 = 45.8 ppm/°C
∝V
REF =
= 45.8 ppm/°C
70 (2.495)
NOTE 2
The dynamic impedance Zka is defined as:
∆V
KA
|Zka| = ∆I
K
When the device is programmed with two external resistors, R1 and
R2, (refer to Figure 2) the total dynamic impedance of the circuit is
defined as:
(
)
REF
I
KA
V
Input
K
I
REF
V
KA
V
Input
off
I
KA
V
Input
K
I
REF
V
∆V
REF =VREF Max -
VREF Min
∆T
A = T2 - T1
R1
VKA = VREF 1+
+ IREF x R1
R2
(
)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com