Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP431AC Datasheet(PDF) 6 Page - Seme LAB

Part # IP431AC
Description  PROGRAMMABLE PRECISION REFERENCE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP431AC Datasheet(HTML) 6 Page - Seme LAB

  IP431AC Datasheet HTML 1Page - Seme LAB IP431AC Datasheet HTML 2Page - Seme LAB IP431AC Datasheet HTML 3Page - Seme LAB IP431AC Datasheet HTML 4Page - Seme LAB IP431AC Datasheet HTML 5Page - Seme LAB IP431AC Datasheet HTML 6Page - Seme LAB IP431AC Datasheet HTML 7Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
IP431A Series
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 2/95
R2
R1
=
VOUT(trip)
VREF
R2
R1
1+
V+
VOUT
TRIAC CROWBAR
TYPICAL APPLICATIONS
THERMAL CHARACTERISTICS
R2
R1
=
VOUT(trip)
VREF
R2
R1
1+
VOUT
V+
THYRISTOR CROWBAR
R4
R3
VOUT
V+
R2
R1
VREF
R2
R1
1+
Lower Limit =
VREF
Upper Limit =
1+
R4
R3
LED is ‘on’ when V+ is between the
upper and lower limits.
VOLTAGE MONITOR
VIN
V+
VOUT
= V REF
VTH
VIN
VOUT
REF
> V
REF
< V
V+
= 2.0 V
SINGLE SUPPLY COMPARATOR WITH
TEMPERATURE COMPENSATED THRESHOLD
RθJA
Thermal Resistance, Junction – Ambient
D Package
N Package
J Package
RθJC
Thermal Resistance, Junction – Case
D Package
N Package
J Package
178°C/W
114°C/W
100°C/W
83°C/W
41°C/W
38°C/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com