Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP431AC Datasheet(PDF) 1 Page - Seme LAB

Part # IP431AC
Description  PROGRAMMABLE PRECISION REFERENCE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP431AC Datasheet(HTML) 1 Page - Seme LAB

  IP431AC Datasheet HTML 1Page - Seme LAB IP431AC Datasheet HTML 2Page - Seme LAB IP431AC Datasheet HTML 3Page - Seme LAB IP431AC Datasheet HTML 4Page - Seme LAB IP431AC Datasheet HTML 5Page - Seme LAB IP431AC Datasheet HTML 6Page - Seme LAB IP431AC Datasheet HTML 7Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
IP431A Series
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 2/95
Part
J–Pack
N–Pack
D–Pack
Amb. Temp.
Number
8 Pin
8 Pin
8 Pin
Range
IP431AM
-55 to +125°C
IP431AI
-40 to +85°C
IP431AC
0 to +70°C
PROGRAMMABLE
PRECISION
REFERENCE
VKA
Cathode To Anode Voltage
IK
Cathode Current Range
IREF
Reference Input Current Range
PD
Power Dissipation @ TA = 25°C
D Package
N Package
J Package
Derate Above 25°C
PD
Power Dissipation @ TC = 25°C
D Package
N Package
J Package
TJ
Maximum Operating Junction Temperature
TA
Operating Ambient Temperature Range
TSTG
Storage Temperature Range
37V
-100 to +150mA
-0.05 to +10mA
0.70W
1.10W
1.25W
6mW/°C
1.5W
3W
3.3W
150°C
See Table Above
–65 to 150°C
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
FEATURES
• VOLTAGE REFERENCE TOLERANCE ±1%
• PROGRAMMABLE OUTPUT VOLTAGE TO 36V
• EQUIVALENT FULL RANGE TEMPERATURE
COEFFICIENT OF 30ppm/°C TYPICAL
• TEMPERATURE COMPENSATED FOR
OPERATION OVER FULL RATED OPERATING
TEMPERATURE RANGE
• SINK CURRENT CAPABILITY 1 TO 100 mA
• FAST TURN–ON RESPONSE
• LOW DYNAMIC OUTPUT IMPEDANCE
(0.2
Ω
Ω typical)
• LOW OUTPUT NOISE VOLTAGE
• ALSO AVAILABLE IN TO–92 PACKAGE
TOP VIEW
1
2
3
4
8
7
6
5
CATHODE
NC
NC
NC
NC
NC
ANODE
REF
TOP VIEW
5
1
2
3
4
8
7
6
CATHODE
ANODE
NC
NC
ANODE
REF
J Package – 8 Pin Ceramic DIP
N Package – 8 Pin Plastic DIP
D Package – 8 Pin Plastic (150) SOIC
* Note that the SOIC package used for the IP431A has a
modified lead frame to increase power dissipation capability
when appropriately mounted on a PCB.
Note:
To order, add the package identifier to the part number.
eg.
IP431AMJ
IP431ACD


Similar Part No. - IP431AC

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP431AH SEME-LAB-IP431AH Datasheet
21Kb / 2P
MECHANICAL DATA
More results

Similar Description - IP431AC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL431_102 TI-TL431_102 Datasheet
1Mb / 76P
PRECISION PROGRAMMABLE REFERENCE
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
PROGRAMMABLE PRECISION REFERENCE
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
PRECISION PROGRAMMABLE REFERENCE
TL1431M TI-TL1431M_15 Datasheet
1Mb / 32P
PRECISION PROGRAMMABLE REFERENCE
TL1431-Q1 TI-TL1431-Q1_15 Datasheet
232Kb / 19P
PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
PROGRAMMABLE PRECISION REFERENCE
logo
Hangzhou Youwang Electr...
UTC431 YOUWANG-UTC431 Datasheet
97Kb / 4P
PROGRAMMABLE PRECISION REFERENCE
logo
Dongguan Pingjingsemi T...
TL432 PJSEMI-TL432 Datasheet
1Mb / 4P
Programmable Precision Reference
logo
Shanghai Leiditech Elec...
LR431ATLT1G LEIDITECH-LR431ATLT1G Datasheet
831Kb / 5P
PROGRAMMABLE PRECISION REFERENCE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com