Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6WA5128 Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # AS6WA5128
Description  3.0V to 3.6V 512K 횞 8 Intelliwatt low-power CMOS SRAM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS6WA5128 Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  AS6WA5128 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS6WA5128 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS6WA5128 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS6WA5128 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS6WA5128 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS6WA5128 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS6WA5128 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS6WA5128 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS6WA5128 Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
®
2
ALLIANCE SEMICONDUCTOR
10/6/00
AS6WA5128
Functional description
The AS6WA5128 is a low-power CMOS 4,194,304-bit Static Random Access Memory (SRAM) device organized as
524,288 words × 8 bits. It is designed for memory applications where slow data access, low power, and simple interfacing
are desired.
Equal address access and cycle times (tAA, tRC, tWC) of 55 ns are ideal for low-power applications. Active high and low chip
selects (CS) permit easy memory expansion with multiple-bank memory systems.
When CS is high, the device enters standby mode: the AS6WA5128 is guaranteed not to exceed 72
µW power consumption
at 3.6V and 55ns. The device also returns data when VCC is reduced to 1.5V for even lower power consumption.
A write cycle is accomplished by asserting write enable ( WE) and chip select (CS) low. Data on the input pins I/O1–I/O8 is
written on the rising edge of WE (write cycle 1) or CS (write cycle 2).To avoid bus contention, external devices should drive
I/O pins only after outputs have been disabled with output enable (OE) or write enable (WE).
A read cycle is accomplished by asserting output enable (OE), chip select (CS), with write enable (WE) High. The chip
drives I/O pins with the data word referenced by the input address. When either chip select or output enable is inactive, or
write enable is active, output drivers stay in high-impedance mode.
All chip inputs and outputs are CMOS-compatible, and operation is from a single 3.0 to 3.6V supply. The device is available
in the JEDEC standard 36(48)-ball FBGA package.
Absolute maximum ratings
Note: Stresses greater than those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only and func-
tional operation of the device at these or any other conditions outside those indicated in the operational sections of this spec ification is not implied. Expo-
sure to absolute maximum rating conditions for extended periods may affect reliability.
Truth table
Key: X = Don’t care, L = Low, H = High.
Parameter
Device
Symbol
Min
Max
Unit
Voltage on VCC relative to VSS
VtIN
–0.5
VCC + 0.5
V
Voltage on any I/O pin relative to GND
VtI/O
–0.5
V
Power dissipation
PD
–1.0
W
Storage temperature (plastic)
Tstg
–65
+150
°C
Temperature with VCC applied
Tbias
–55
+125
°C
DC output current (low)
IOUT
–20
mA
CS
WE
OE
Supply Current
I/O1–I/O8
Mode
HX
X
ISB
High Z
Standby (ISB)
LX
X
ISB
High Z
Standby (ISB)
LH
H
ICC
High Z
Output disable (ICC)
LH
L
ICC
DOUT
Read (ICC)
LL
X
ICC
DIN
Write (ICC)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com