Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6WA5128 Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # AS6WA5128
Description  3.0V to 3.6V 512K 횞 8 Intelliwatt low-power CMOS SRAM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS6WA5128 Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  AS6WA5128 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS6WA5128 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS6WA5128 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS6WA5128 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS6WA5128 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS6WA5128 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS6WA5128 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS6WA5128 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS6WA5128 Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
®
4
ALLIANCE SEMICONDUCTOR
10/6/00
AS6WA5128
Read cycle (over the operating range)3,9
Key to switching waveforms
Read waveform 1 (address controlled)3,6,7,9
Read waveform 2 (CS, OE controlled)3,6,8,9
Parameter
Symbol
Min
Max
Unit
Notes
Read cycle time
tRC
55
–
ns
Address access time
tAA
–55
ns
3
Chip select (CS) access time
tACS
–55
ns
3
Output enable (OE) access time
tOE
–25
ns
Output hold from address change
tOH
10
–
ns
5
CS low to output in low Z
tCLZ
10
–
ns
4, 5
CS high to output in high Z
tCHZ
020
ns
4, 5
OE low to output in low Z
tOLZ
5
–
ns
4, 5
OE high to output in high Z
tOHZ
020
ns
4, 5
Power up time
tPU
0
–
ns
4, 5
Power down time
tPD
–55
ns
4, 5
Undefined/don’t care
Falling input
Rising input
tOH
tAA
tRC
tOH
DOUT
Address
Data valid
Previous data valid
current
Supply
OE
DOUT
tOE
tOLZ
tACE
tCHZ
tCLZ
tPU
tPD
ICC
ISB
50%
50%
tOHZ
Data valid
tRC1
CS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com