Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6WA5128 Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # AS6WA5128
Description  3.0V to 3.6V 512K 횞 8 Intelliwatt low-power CMOS SRAM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS6WA5128 Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  AS6WA5128 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS6WA5128 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS6WA5128 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS6WA5128 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS6WA5128 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS6WA5128 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS6WA5128 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS6WA5128 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS6WA5128 Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
October 2000
Copyright ©2000 Alliance Semiconductor. All rights reserved.
®
AS6WA5128
10/6/00
ALLIANCE SEMICONDUCTOR
1
3.0V to 3.6V 512K × 8 Intelliwatt™ low-power CMOS SRAM
Features
• AS6WA5128
• Intelliwatt™ active power circuitry
• Industrial and commercial temperature ranges available
• Organization: 524,288 words × 8 bits
• 3.0V to 3.6V at 55 ns
• Low power consumption: ACTIVE
- 144 mW at 3.6V and 55 ns
• Low power consumption: STANDBY
- 72 µW max at 3.6V
• 1.2V data retention
• Equal access and cycle times
• Easy memory expansion with CS, OE inputs
• Smallest footprint packages
- 36(48)-ball FBGA
- 32-pin TSOP I and TSOP II packages are available on
Alliance AS6UB5128 product family (available January
2001)
• ESD protection
≥≥≥≥ 2000 volts
• Latch-up current
≥≥≥≥ 200 mA
Logic block diagram
Input buffer
I/O1
I/O8
OE
CS
WE
Control
circuit
A0
A1
A2
A3
A4
A5
A6
A7
VCC
GND
A8
Column decoder
512K
× 8
Array
(4,194,304)
36(48)-CSP BGA Package (shading indicates no ball)
12
34
5
6
AA0
A1
NC
A3
A6
A8
BI/O5
A2
WE
A4
A7
I/O1
CI/O6
NC
A5
I/O2
DVSS
VCC
EVCC
VSS
FI/O7
A18
A17
I/O3
GI/O8
OE
CS
A16
A15
I/O4
HA9
A10
A11
A12
A13
A14
Selection guide
Product
VCC Range
Speed
(ns)
Power Dissipation
Min
(V)
Typ2
(V)
Max
(V)
Operating (ICC)
Standby (ISB1)
Max (mA)
Max (
µµµµA)
AS6WA5128
3.0
3.3
3.6
55
2
20


Similar Part No. - AS6WA5128

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS6WA25616 ETC1-AS6WA25616 Datasheet
215Kb / 9P
3.0V to 3.6V 256K X 6 IntelliwattTM low-power CMOS SRAM with one chip enable
AS6WA25616-BC ETC1-AS6WA25616-BC Datasheet
215Kb / 9P
3.0V to 3.6V 256K X 6 IntelliwattTM low-power CMOS SRAM with one chip enable
AS6WA25616-BI ETC1-AS6WA25616-BI Datasheet
215Kb / 9P
3.0V to 3.6V 256K X 6 IntelliwattTM low-power CMOS SRAM with one chip enable
AS6WA25616-TC ETC1-AS6WA25616-TC Datasheet
215Kb / 9P
3.0V to 3.6V 256K X 6 IntelliwattTM low-power CMOS SRAM with one chip enable
AS6WA25616-TI ETC1-AS6WA25616-TI Datasheet
215Kb / 9P
3.0V to 3.6V 256K X 6 IntelliwattTM low-power CMOS SRAM with one chip enable
More results

Similar Description - AS6WA5128

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
AS6UA5128 SEMICOA-AS6UA5128 Datasheet
160Kb / 9P
2.3V to 3.6V 512K횞8 Intelliwatt low-power CMOS SRAM
logo
List of Unclassifed Man...
AS6UA25616 ETC-AS6UA25616 Datasheet
190Kb / 9P
2.3V to 3.6V 256K횞16 Intelliwatt??low-power CMOS SRAM with one chip enable
AS6VA5128 ETC-AS6VA5128 Datasheet
151Kb / 9P
2.7V to 3.3V 512K X 8 Intelliwatt low-power CMOS SRAM
UC62LS4008 ETC1-UC62LS4008 Datasheet
532Kb / 11P
Low Power CMOS SRAM 512K X 8 Bits
logo
NanoAmp Solutions, Inc.
N08L1618C2A NANOAMP-N08L1618C2A Datasheet
251Kb / 10P
8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16bit
logo
Alliance Semiconductor ...
AS6UA51216 ALSC-AS6UA51216 Datasheet
126Kb / 9P
1.65V to 3.6V 512K횞16 Intelliwatt low power CMOS SRAM with one chip enable
logo
Lyontek Inc.
LY62L5128 LYONTEK-LY62L5128 Datasheet
248Kb / 17P
512K X 8 BIT LOW POWER CMOS SRAM
logo
ON Semiconductor
N08L6182A ONSEMI-N08L6182A Datasheet
192Kb / 10P
8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16bit
July 2008 - Rev. 8
logo
Lyontek Inc.
LY62L5128 LYONTEK-LY62L5128_12 Datasheet
404Kb / 17P
512K X 8 BIT LOW POWER CMOS SRAM
LY62W5128 LYONTEK-LY62W5128_13 Datasheet
760Kb / 17P
512K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com