Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5069 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5069
Description  Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5069 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM5069 Datasheet HTML 1Page - National Semiconductor (TI) LM5069 Datasheet HTML 2Page - National Semiconductor (TI) LM5069 Datasheet HTML 3Page - National Semiconductor (TI) LM5069 Datasheet HTML 4Page - National Semiconductor (TI) LM5069 Datasheet HTML 5Page - National Semiconductor (TI) LM5069 Datasheet HTML 6Page - National Semiconductor (TI) LM5069 Datasheet HTML 7Page - National Semiconductor (TI) LM5069 Datasheet HTML 8Page - National Semiconductor (TI) LM5069 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Connection Diagram
20197202
Top View
10-Lead MSOP
Ordering Information
Order Number
Fault Response
Package Type
NSC Package
Drawing
Supplied As
LM5069MM-1
Latch Off
MSOP-10
MUB10A
1000 Units on Tape and Reel
LM5069MMX-1
Latch Off
3500 Units on Tape and Reel
LM5069MM-2
Auto Restart
1000 Units on Tape and Reel
LM5069MMX-2
Auto Restart
3500 Units on Tape and Reel
Pin Descriptions
Pin #
Name
Description
Applications Information
1
SENSE
Current sense input
The voltage across the current sense resistor (R
S) is measured from VIN to
this pin. If the voltage across R
S reaches 55mV the load current is limited and
the fault timer activates.
2
VIN
Positive supply input
A small ceramic bypass capacitor close to this pin is recommended to
suppress transients which occur when the load current is switched off.
3
UVLO
Under-voltage lockout
An external resistor divider from the system input voltage sets the
under-voltage turn-on threshold. An internal 21 µA current source provides
hysteresis. The enable threshold at the pin is 2.5V. This pin can also be used
for remote shutdown control.
4
OVLO
Over-voltage lockout
An external resistor divider from the system input voltage sets the over-voltage
turn-off threshold. An internal 21 µA current source provides hysteresis. The
disable threshold at the pin is 2.5V.
5
GND
Circuit ground
6
TIMER
Timing capacitor
An external capacitor connected to this pin sets the insertion time delay and
the Fault Timeout Period. The capacitor also sets the restart timing of the
LM5069-2.
7
PWR
Power limit set
An external resistor connected to this pin, in conjunction with the current sense
resistor (R
S), sets the maximum power dissipation allowed in the external
series pass MOSFET.
8
PGD
Power Good indicator
An open drain output. When the external MOSFET V
DS decreases below
1.25V, the PGD indicator is active (high). When the external MOSFET V
DS
increases above 2.5V the PGD indicator switches low.
9
OUT
Output feedback
Connect to the output rail (external MOSFET source). Internally used to
determine the MOSFET V
DS voltage for power limiting, and to control the PGD
indicator.
10
GATE
Gate drive output
Connect to the external MOSFET’s gate. This pin’s voltage is typically 12V
above the OUT pin when enabled.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com